Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1993-2
Description  800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-2 Datasheet(HTML) 3 Page - Linear Technology

  LT1993-2 Datasheet HTML 1Page - Linear Technology LT1993-2 Datasheet HTML 2Page - Linear Technology LT1993-2 Datasheet HTML 3Page - Linear Technology LT1993-2 Datasheet HTML 4Page - Linear Technology LT1993-2 Datasheet HTML 5Page - Linear Technology LT1993-2 Datasheet HTML 6Page - Linear Technology LT1993-2 Datasheet HTML 7Page - Linear Technology LT1993-2 Datasheet HTML 8Page - Linear Technology LT1993-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1993-2
3
19932fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics
–3dBBW
–3dB Bandwidth
200mVP-P Differential (+OUT, –OUT)
500
800
MHz
0.1dBBW
Bandwidth for 0.1dB Flatness
200mVP-P Differential (+OUT, –OUT)
50
MHz
0.5dBBW
Bandwidth for 0.5dB Flatness
200mVP-P Differential (+OUT, –OUT)
100
MHz
SR
Slew Rate
3.2VP-P Differential (+OUT, –OUT)
1100
V/µs
ts1%
1% Settling Time
1% Settling for a 1VP-P Differential Step
(+OUT, –OUT)
4ns
tON
Turn-On Time
40
ns
tOFF
Turn-Off Time
250
ns
Common Mode Voltage Control (VOCM Pin)
–3dBBWCM
Common Mode Small-Signal –3dB
Bandwidth
0.1VP-P at VOCM, Measured Single-Ended at +OUT
and –OUT
300
MHz
SRCM
Common Mode Slew Rate
1.3V to 3.4V Step at VOCM
500
V/µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ROUTDIFF
Output Resistance
0.3
Ω
COUTDIFF
Output Capacitance
0.8
pF
Common Mode Voltage Control (VOCM Pin)
GCM
Common Mode Gain
Differential (+OUT, –OUT), VOCM = 1.1V to 3.6V
Differential (+OUT, –OUT), VOCM = 1.3V to 3.4V
0.9
0.9
11.1
1.1
V/V
V/V
VOCMMIN
Output Common Mode Voltage
Adjustment Range, MIN
Measured Single-Ended at +OUT and –OUT
1.1
1.3
V
V
VOCMMAX
Output Common Mode Voltage
Adjustment Range, MAX
Measured Single-Ended at +OUT and –OUT
3.6
3.4
V
V
VOSCM
Output Common Mode Offset Voltage
Measured from VOCM to Average of +OUT and –OUT
–30
4
30
mV
IBIASCM
VOCM Input Bias Current
515
µA
RINCM
VOCM Input Resistance
0.8
3
M
Ω
CINCM
VOCM Input Capacitance
1pF
ENABLE Pin
VIL
ENABLE Input Low Voltage
0.8
V
VIH
ENABLE Input High Voltage
2V
IIL
ENABLE Input Low Current
ENABLE = 0.8V
0.5
µA
IIH
ENABLE Input High Current
ENABLE = 2V
13
µA
Power Supply
VS
Operating Range
45
5.5
V
IS
Supply Current
ENABLE = 0.8V
88
100
112
mA
ISDISABLED
Supply Current (Disabled)
ENABLE = 2V
250
500
µA
PSRR
Power Supply Rejection Ratio
4V to 5.5V
55
90
dB
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V, ENABLE = 0.8V, +INA
shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD unless otherwise noted.
TA = 25°C, VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V,
ENABLE = 0.8V, +INA shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD
unless otherwise noted.
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1993-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-2 LINER-LT1993-2 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-2 LINER-LT1993-2 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-2 LINER-LT1993-2 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LT1993-2 LINER-LT1993-2_15 Datasheet
676Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifier
More results

Similar Description - LT1993-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1993-2 LINER-LT1993-2_15 Datasheet
676Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifier
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com