Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964ES5-5TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1964ES5-5TR
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964ES5-5TR Datasheet(HTML) 4 Page - Linear Technology

  LT1964ES5-5TR Datasheet HTML 1Page - Linear Technology LT1964ES5-5TR Datasheet HTML 2Page - Linear Technology LT1964ES5-5TR Datasheet HTML 3Page - Linear Technology LT1964ES5-5TR Datasheet HTML 4Page - Linear Technology LT1964ES5-5TR Datasheet HTML 5Page - Linear Technology LT1964ES5-5TR Datasheet HTML 6Page - Linear Technology LT1964ES5-5TR Datasheet HTML 7Page - Linear Technology LT1964ES5-5TR Datasheet HTML 8Page - Linear Technology LT1964ES5-5TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1964
4
1964fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime
Note 2: The LT1964 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 3: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 4: To satisfy requirements for minimum input voltage, the LT1964
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 249k resistors) for an output voltage of
–2.44V. The external resistor divider will add a 5μA DC load on the output.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: (VIN + VDROPOUT).
Note 6: GND pin current is tested with VIN = VOUT(NOMINAL) and a current
source load. This means the device is tested while operating in its dropout
region. This is the worst-case GND pin current. The GND pin current will
decrease slightly at higher input voltages.
Note 7: ADJ pin bias current flows out of the ADJ pin.
Note 8: Positive SHDN pin current flows into the SHDN pin. SHDN pin
current is included in the GND pin current specification.
Note 9: For input-to-output differential voltages greater than 7V, a 50μA
load is needed to maintain regulation.
Note 10: The LT1964 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT1964E is tested at TA = 25°C. Performance at
–40°C to 125°C is assured by design, characterization and correlation with
statistical process controls. The LT1964I is guaranteed over the full –40°C
to 125°C operating junction temperature range.
Note 11: A parasitic diode exists internally on the LT1964 between the
OUT, ADJ and SHDN pins and the IN pin. The OUT, ADJ and SHDN pins
cannot be pulled more than 0.5V more negative than the IN pin during
fault conditions, and must remain at a voltage more positive than the IN
pin during operation.
Note 12: For the LT1964-BYP, this specification accounts for the operating
threshold of the SHDN pin, which is tied to the IN pin internally. For the
LT1964-SD, the SHDN threshold must be met to ensure device operation.
Note 13: Actual thermal resistance (
θJA) junction to ambient will be a
function of board layout. See the Thermal Considerations section in the
Applications Information.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = –200mA, BW = 10Hz to 100kHz
30
μVRMS
ADJ Pin Bias Current
(Notes 2, 7)
30
100
nA
Minimum Input Voltage (Note 12)
ILOAD = –200mA
LT1964-BYP
LT1964-SD
l
l
–1.9
–1.6
–2.8
–2.2
V
V
Shutdown Threshold
VOUT = Off to On (Positive)
VOUT = Off to On (Negative)
VOUT = On to Off (Positive)
VOUT = On to Off (Negative)
l
l
l
l
0.25
–0.25
1.6
–1.9
0.8
–0.8
2.1
–2.8
V
V
V
V
SHDN Pin Current (Note 8)
VSHDN = 0V
VSHDN = 15V
VSHDN = –15V
–1
±0.1
6
–3
1
15
–9
μA
μA
μA
Quiescent Current in Shutdown
VIN = –6V, VSHDN = 0V
l
310
μA
Ripple Rejection
VIN – VOUT = –1.5V(Avg), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = –200mA
46
54
dB
Current Limit
VIN = –6V, VOUT = 0V
VIN = VOUT(NOMINAL) –1.5V, ΔVOUT = 0.1V
l
220
350
mA
mA
Input Reverse Leakage Current
VIN = 20V, VOUT, VADJ, VSHDN = Open Circuit
l
1mA


Similar Part No. - LT1964ES5-5TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964ES5-5TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com