Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964IDDTRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1964IDDTRPBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IDDTRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1964IDDTRPBF Datasheet HTML 5Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 6Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 7Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 8Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 9Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 10Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 11Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 12Page - Linear Technology LT1964IDDTRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1964
9
1964fb
LT1964-5, Transient Response,
CBYP = 0
LT1964-5, Transient Response,
CBYP = 0.01μF
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 1000pF
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 0.01μF
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
ILOAD = –200mA
1964 G28
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
ILOAD = –200mA
1964 G29
TIME (μs)
0
0.2
0.1
0
–0.1
–0.2
0
–100
–200
1964 G30
400
800
1200
1600
2000
VIN = –6V
CIN = 10μF
COUT = 10μF
TIME (μs)
0
0.04
0.02
0
–0.02
–0.04
0
–100
–200
1964 G31
40
80
120
160
20
60
100
140
180 200
VIN = –6V
CIN = 10μF
COUT = 10μF


Similar Part No. - LT1964IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com