Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1970 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1970
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970 Datasheet(HTML) 1 Page - Linear Technology

  LT1970 Datasheet HTML 1Page - Linear Technology LT1970 Datasheet HTML 2Page - Linear Technology LT1970 Datasheet HTML 3Page - Linear Technology LT1970 Datasheet HTML 4Page - Linear Technology LT1970 Datasheet HTML 5Page - Linear Technology LT1970 Datasheet HTML 6Page - Linear Technology LT1970 Datasheet HTML 7Page - Linear Technology LT1970 Datasheet HTML 8Page - Linear Technology LT1970 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1970
1970fb
500mA Power Op Amp with
Adjustable Precision Current Limit
±500mA Minimum Output Current
Independent Adjustment of Source and
Sink Current Limits
2% Current Limit Accuracy
Operates with Single or Split Supplies
Shutdown/Enable Control Input
Open Collector Status Flags:
Sink Current Limit
Source Current Limit
Thermal Shutdown
Fail Safe Current Limit and Thermal Shutdown
1.6V/
µs Slew Rate
3.6MHz Gain Bandwidth Product
Fast Current Limit Response: 2MHz Bandwidth
Specified Temperature Range: – 40
°C to 85°C
Available in a 20-Lead TSSOP Package
Automatic Test Equipment
Laboratory Power Supplies
Motor Drivers
Thermoelectric Cooler Driver
AV = 2 Amplifier with Adjustable ±500mA Full-Scale
Current Limit and Fault Indication
Current Limited Sinewave Into 10
Ω Load
VCC
COMMON
VEE
V+
EN
V
VCSRC
VCSNK
ISNK
ISRC
SENSE
SENSE+
TSD
IOUT
OUT
RCS
1
1/4W
3k
+IN
15V
LT1970
–15V
15V
–IN
LOAD
R1
10k
R2
10k
1970 TA01
VLIMIT
0V TO 5V
VIN
VLIMIT
10 • RCS
IOUT(LIMIT) = ±
The LT
®1970 is a
±500mA power op amp with precise
externally controlled current limiting. Separate control
voltages program the sourcing and sinking current limit
sense thresholds with 2% accuracy. Output current may
be boosted by adding external power transistors.
The circuit operates with single or split power supplies from
5V to 36V total supply voltage. In normal operation, the
input stage supplies and the output stage supplies are con-
nected (VCC to V+ and VEE to V). To reduce power dissi-
pation it is possible to power the output stage (V+, V) from
independent, lower voltage rails. The amplifier is unity-gain
stable with a 3.6MHz gain bandwidth product and slews at
1.6V/
µs. The current limit circuits operate with a 2MHz re-
sponse between the VCSRC or VCSNK control inputs and
the amplifier output.
Open collector status flags signal current limit circuit
activation, as well as thermal shutdown of the amplifier. An
enable logic input puts the amplifier into a low power, high
impedance output state when pulled low. Thermal shut-
down and a
±800mA fixed current limit protect the chip
under fault conditions.
The LT1970 is packaged in a 20-lead TSSOP package with
a thermally conductive copper bottom plate to facilitate
heat sinking.
VLOAD
4V
2V
0V
–2V
VCSRC = 4V
20
µs/DIV
1970 TA02
VCSNK = 2V
RCS = 1Ω
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970CFE LINER-LT1970CFE Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com