Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1965EDD-1.5-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1965EDD-1.5-TRPBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965EDD-1.5-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT1965EDD-1.5-TRPBF Datasheet HTML 1Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 2Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 3Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 4Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 5Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 6Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 7Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 8Page - Linear Technology LT1965EDD-1.5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1965 Series
4
1965fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 4, 12)
ILOAD = 0.5A
ILOAD = 1.1A
l
1.65
1.8
2.3
V
V
Regulated Output Voltage (Note 5)
LT1965-1.5, VIN = 2.1V, ILOAD = 1mA
LT1965-1.5, 2.5 < VIN < 20V, 1mA < ILOAD < 1.1A
l
1.477
1.455
1.5
1.5
1.523
1.545
V
V
LT1965-1.8, VIN = 2.3V, ILOAD = 1mA
LT1965-1.8, 2.8 < VIN < 20V, 1mA < ILOAD < 1.1A
l
1.773
1.746
1.8
1.8
1.827
1.854
V
V
LT1965-2.5, VIN = 3V, ILOAD = 1mA
LT1965-2.5, 3.5 < VIN < 20V, 1mA < ILOAD < 1.1A
l
2.462
2.425
2.5
2.5
2.538
2.575
V
V
LT1965-3.3, VIN = 3.8V, ILOAD = 1mA
LT1965-3.3, 4.3 < VIN < 20V, 1mA < ILOAD < 1.1A
l
3.25
3.201
3.3
3.3
3.35
3.399
V
V
ADJ Pin Voltage (Notes 4, 5)
VIN = 2.1V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 1.1A
l
1.182
1.164
1.2
1.2
1.218
1.236
V
V
Line Regulation
LT1965-1.5, ΔVIN = 2.1V to 20V, ILOAD = 1mA
LT1965-1.8, ΔVIN = 2.3V to 20V, ILOAD = 1mA
LT1965-2.5, ΔVIN = 3V to 20V, ILOAD = 1mA
LT1965-3.3, ΔVIN = 3.8V to 20V, ILOAD = 1mA
LT1965,
ΔVIN = 2.1V to 20V, ILOAD = 1mA (Note 4)
l
l
l
l
l
3.5
4
4.5
5.5
3
9
10
11.5
16
8
mV
mV
mV
mV
mV
Load Regulation
LT1965-1.5, VIN = 2.5V, ΔILOAD = 1mA to 1.1A
LT1965-1.5, VIN = 2.5V, ΔILOAD = 1mA to 1.1A
l
5.25
10
20
mV
mV
LT1965-1.8, VIN = 2.8V, ΔILOAD = 1mA to 1.1A
LT1965-1.8, VIN = 2.8V, ΔILOAD = 1mA to 1.1A
l
6.25
12
24
mV
mV
LT1965-2.5, VIN = 3.5V, ΔILOAD = 1mA to 1.1A
LT1965-2.5, VIN = 3.5V, ΔILOAD = 1mA to 1.1A
l
8.75
16.5
33
mV
mV
LT1965-3.3, VIN = 4.3V, ΔILOAD = 1mA to 1.1A
LT1965-3.3, VIN = 4.3V, ΔILOAD = 1mA to 1.1A
l
11.5
22
44
mV
mV
LT1965,
VIN = 2.3V, ΔILOAD = 1mA to 1.1A (Note 4)
LT1965,
VIN = 2.3V, ΔILOAD = 1mA to 1.1A (Note 4)
l
4.25
8
16
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 6, 7, 12)
ILOAD = 1mA
ILOAD = 1mA
l
0.055
0.08
0.14
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.12
0.175
0.28
V
V
ILOAD = 500mA
ILOAD = 500mA
l
0.21
0.25
0.36
V
V
ILOAD = 1.1A
ILOAD = 1.1A
l
0.31
0.36
0.49
V
V
GND Pin Current
VIN = VOUT(NOMINAL) + 1V
(Notes 6, 8)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1.1A
l
l
l
l
l
0.5
0.6
2.2
8.2
21
1.1
1.5
5.5
20
40
mA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 1.1A, BW = 10Hz to 100kHz
40
μVRMS
ADJ Pin Bias Current (Notes 4, 9)
1.3
4.5
μA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.2
0.85
0.45
2V
V
SHDN Pin Current (Note 10)
VSHDN = 0V
VSHDN = 20V
0.01
5.5
1
10
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
1
μA
Ripple Rejection
VIN – VOUT = 1.5V (AVG), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 0.75A
57
75
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LT1965EDD-1.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965EDD-1.5-PBF LINER-LT1965EDD-1.5-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965EDD-1.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com