Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4427EPA Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC4427EPA
Description  1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4427EPA Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4427EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4427EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4427EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4427EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4427EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4427EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-250
TELCOM SEMICONDUCTOR, INC.
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
Supply Current vs. Capacitive Load
60
100
1000
10,000
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
2 MHz
600 kHz
200 kHz
20 kHz
900 kHz
2 MHz
600 kHz
200 kHz
20 kHz
900 kHz
2 MHz
200 kHz
20 kHz
600 kHz
900 kHz
1000 pF
2200 pF
1000 pF
2200 pF
100 pF
1000 pF
2200 pF
100 pF
V
= 18V
DD
V
= 12V
DD
V
= 12V
DD
V
= 6V
DD
V
= 6V
DD
100 pF
C
(pF)
LOAD
C
(pF)
LOAD
C
(pF)
LOAD
V
= 18V
DD
50
40
30
20
10
0
60
50
40
30
20
10
0
60
50
40
30
20
10
0
60
50
40
30
20
10
0
60
50
40
30
20
10
0
60
50
40
30
20
10
0
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4426
TC4427
TC4428


Similar Part No. - TC4427EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4427EPA MICROCHIP-TC4427EPA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4427EPA MICROCHIP-TC4427EPA Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4427EPA MICROCHIP-TC4427EPA Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4427EPA MICROCHIP-TC4427EPA Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results

Similar Description - TC4427EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com