Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963ES8-1.5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1963ES8-1.5
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963ES8-1.5 Datasheet(HTML) 2 Page - Linear Technology

  LT1963ES8-1.5 Datasheet HTML 1Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 2Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 3Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 4Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 5Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 6Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 7Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 8Page - Linear Technology LT1963ES8-1.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1963 Series
1963fc
(Note 1)
IN Pin Voltage ........................................................
±20V
OUT Pin Voltage ....................................................
±20V
Input to Output Differential Voltage (Note 2) .........
±20V
SENSE Pin Voltage ...............................................
±20V
ADJ Pin Voltage ......................................................
±7V
SHDN Pin Voltage .................................................
±20V
Output Short-Circuit Duration ......................... Indefinite
Operating Junction Temperature Range – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LT1963ES8
LT1963ES8-1.5
LT1963ES8-1.8
LT1963ES8-2.5
LT1963ES8-3.3
ORDER PART NUMBER
LT1963EST-1.5
LT1963EST-1.8
LT1963EST-2.5
LT1963EST-3.3
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ST PART MARKING
ORDER PART NUMBER
S8 PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
196315
196318
196325
196333
1963
196315
196318
196325
196333
3
2
1
FRONT VIEW
TAB IS
GND
OUT
GND
IN
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 150°C, θJA = 50°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
NC
S8 PACKAGE
8-LEAD PLASTIC SO
*PIN 2 = SENSE FOR LT1963-1.5/LT1963-1.8/
LT1963-2.5/LT1963-3.3
= ADJ FOR LT1963
TJMAX = 150°C, θJA = 70°C/ W
LT1963ET
LT1963ET-1.5
LT1963ET-1.8
LT1963ET-2.5
LT1963ET-3.3
ORDER PART NUMBER
LT1963EQ
LT1963EQ-1.5
LT1963EQ-1.8
LT1963EQ-2.5
LT1963EQ-3.3
ORDER PART NUMBER
TJMAX = 150°C, θJA = 30°C/ W
*PIN 5 = SENSE FOR LT1963-1.5/LT1963-1.8/
LT1963-2.5/LT1963-3.3
= ADJ FOR LT1963
*PIN 5 = SENSE FOR LT1963-1.5/LT1963-1.8/
LT1963-2.5/LT1963-3.3
= ADJ FOR LT1963
TJMAX = 150°C, θJA = 50°C/ W
Q PACKAGE
5-LEAD PLASTIC DD
TAB IS
GND
FRONT VIEW
SENSE/ADJ*
OUT
GND
IN
SHDN
5
4
3
2
1
T PACKAGE
5-LEAD PLASTIC TO-220
SENSE/
ADJ*
OUT
GND
IN
SHDN
FRONT VIEW
TAB IS
GND
5
4
3
2
1
LT1963EFE
LT1963EFE-1.5
LT1963EFE-1.8
LT1963EFE-2.5
LT1963EFE-3.3
ORDER PART NUMBER
FE PART MARKING
1963EFE
1963EFE15
1963EFE18
1963EFE25
1963EFE33
TJMAX = 150°C, θJA = 38°C/ W
*PIN 6 = SENSE FOR LT1963-1.5/
LT1963-1.8/LT1963-2.5/
LT1963-3.3
= ADJ FOR LT1963
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD (PIN 17) IS GND. MUST BE
SOLDERED TO THE PCB.
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
NC
OUT
OUT
OUT
SENSE/ADJ*
GND
GND
GND
NC
IN
IN
IN
NC
SHDN
GND
17


Similar Part No. - LT1963ES8-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963ES8-1.5 LINEAR-LT1963ES8-1.5 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963ES8-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com