Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4429COA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4429COA
Description  6A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4429COA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4429COA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4429COA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4429COA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4429COA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4429COA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-228
TELCOM SEMICONDUCTOR, INC.
TC4420
TC4429
1.5A DUAL OPEN-DRAIN
MOSFET DRIVERS
TYPICAL CHARACTERISTICS
60
40
20
10
1000
10,000
CAPACITIVE LOAD (pF)
V
= 18V
DD
Fall Time vs. Capacitive Load
80
100
V
= 12V
DD
V
= 5V
DD
50
40
30
20
10
0
–60
–20
20
60
100
140
TA (°C)
D1
t
D2
t
Propagation Delay Time
vs. Temperature
0
100
1000
10,000
CAPACITIVE LOAD (pF)
Supply Current vs. Capacitive Load
C = 2200 pF
L
V
= 18V
DD
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V
= 15V
DD
65
60
55
50
45
40
35
4
6
8
10
121416
18
SUPPLY VOLTAGE (V)
Propagation Delay Time
vs. Supply Voltage
tD2
tD1
V
= 12V
DD
V
= 5V
DD
60
40
20
10
1000
10,000
CAPACITIVE LOAD (pF)
V
= 18V
DD
Rise Time vs. Capacitive Load
80
100
100
0
0
100
1000
10,000
FREQUENCY (kHz)
Supply Current vs. Frequency
10
1000
18V
10V
5V
C = 2200 pF
L
–60
–20
20
60
100
140
TA (°C)
57
9
11
13
15
V
(V)
DD
57
9
11
13
15
t
RISE
t
50
40
30
20
10
0
Rise and Fall Times vs. Temperature
C = 2200 pF
V
= 18V
DD
FALL
V
(V)
DD
C = 2200 pF
L
120
100
80
60
40
20
0
Rise Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
C = 2200 pF
L
Fall Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
100
80
60
40
20
0
L


Similar Part No. - TC4429COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4429COA MICROCHIP-TC4429COA Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4429COA MICROCHIP-TC4429COA Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4429COA MICROCHIP-TC4429COA Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
TC4429COA713 MICROCHIP-TC4429COA713 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
More results

Similar Description - TC4429COA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com