Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1589 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1589
Description  Silicon PNP Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1589 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1589 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon PNP Epitaxial Planar Type
2SB1589
Features
Low collector to emitter saturation voltage VCE(sat).
Large collector power dissipation PC.
Mini Power type package, allowing downsizing of the equipment
and automatic insertion through the tape packing and the magazine
packing.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-10
V
Collector-emitter voltage
VCEO
-10
V
Emitter-base voltage
VEBO
-7
V
Peak collector current
ICP
-2
A
Collector current
IC
-1.5
A
Collector power dissipation
PC
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB=-7V, IE =0
-1
ìA
Collector-base voltage
VCBO
IC =-10 ìA, IE =0
-10
V
Collector-emitter voltage
VCEO
IC =-1mA, IB =0
-10
V
Emitter-base voltage
VEBO
IE =-10 ìA, IC =0
-7
V
Forward current transfer ratio
hFE
VCE =-1V, IC = -400 mA
200
700
Collector-emitter saturation voltage
VCE(sat) IC =-1A, IB = - 25 mA
-0.24
-0.35
V
Transition frequency
fT
VCB =-6V, IE = 50 mA, f = 200 MHz
190
MHz
Collector output capacitance
Cob
VCB = -10V, IE = 0,f= 1 MHz
6.5
pF
Forward voltage
VF
IF = -500 mA
1.3
V
Marking
Marking
1U


Similar Part No. - 2SB1589

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1589 PANASONIC-2SB1589 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SB1589 KEXIN-2SB1589_15 Datasheet
569Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB1589

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com