Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1961EMS8ETR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1961EMS8ETR
Description  1.5A, 1.25MHz Step-Up Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1961EMS8ETR Datasheet(HTML) 4 Page - Linear Technology

  LT1961EMS8ETR Datasheet HTML 1Page - Linear Technology LT1961EMS8ETR Datasheet HTML 2Page - Linear Technology LT1961EMS8ETR Datasheet HTML 3Page - Linear Technology LT1961EMS8ETR Datasheet HTML 4Page - Linear Technology LT1961EMS8ETR Datasheet HTML 5Page - Linear Technology LT1961EMS8ETR Datasheet HTML 6Page - Linear Technology LT1961EMS8ETR Datasheet HTML 7Page - Linear Technology LT1961EMS8ETR Datasheet HTML 8Page - Linear Technology LT1961EMS8ETR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1961
1961fa
TYPICAL PERFORMANCE CHARACTERISTICS
FB vs Temperature
Switch On Voltage Drop
Oscillator Frequency
SHDN IP Current vs Temperature
SHDN Threshold vs Temperature
SHDN Supply Current vs VIN
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1961 G01
1.22
1.21
1.20
1.19
1.18
SWITCH CURRENT (A)
0
0.5
1
1.5
1961 G02
400
350
300
250
200
150
100
50
0
125
°C
25
°C
–40
°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1961 G03
1.5
1.4
1.3
1.2
1.1
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1961 G04
1.40
1.38
1.36
1.34
1.32
1.30
VIN (V)
0
5
10
15
20
25
30
1961 G05
7
6
5
4
3
2
1
0
TA = 25°C
SHDN = 0V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1961G06
–12
–10
–8
–6
–4
–2
0
STARTING UP
SHUTTING DOWN
SHDN Supply Current
Input Supply Current
Current Limit Foldback
SHUTDOWN VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1961 G07
300
250
200
150
100
50
0
TA = 25°C
VIN = 15V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
1961 G08
1200
1000
800
600
400
200
0
MINIMUM
INPUT
VOLTAGE
TA = 25°C
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1961 G09
2.0
1.5
1.0
0.5
0
40
30
20
10
0
FB CURRENT
SWITCH CURRENT
TA = 25°C


Similar Part No. - LT1961EMS8ETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1961 LINER-LT1961 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1961 LINER-LT1961 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
More results

Similar Description - LT1961EMS8ETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com