Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4627 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4627
Description  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4627 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4627 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-272
TELCOM SEMICONDUCTOR, INC.
TC4626
TC4627
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
ABSOLUTE MAXIMUM RATINGS
Package Power Dissipation (TA ≤ 70°C)
PDIP ................................................................. 730mW
CerDIP .............................................................. 800mW
SOIC ................................................................. 760mW
Derating Factor
PDIP ....................................... 5.6 mW/
°C Above 36°C
CerDIP ........................................................ 6.0 mW/
°C
Supply Voltage ........................................................... 6.2V
Input Voltage, Any Terminal ...... VS + 0.3V to GND – 0.3V
Operating Temperature : M Version ...... – 55
°C to +125°C
E Version ......... – 40
°C to +85°C
C Version .............. 0
°C to +70°C
Maximum Chip Temperature ................................. +150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (10 sec) ................................... +300
°C
ELECTRICAL CHARACTERISTICS: TA = 25°C VDD = 5V C1 = C2 = C3 10µF unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Driver Input
VIH
Logic 1, Input Voltage
2.4
V
VIL
Logic 0, Input Voltage
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDRIVE
– 1
1
µA
Driver Output
VOH
High Output Voltage
VBOOST – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 5V
10
15
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 5V
8
10
IPK
Peak Output Current
1.5
A
Switching Time
tR
Rise Time
Test Figure 1,2
33
40
nsec
tF
Fall Time
Test Figure 1,2
27
35
nsec
tD1
Delay Time
Test Figure 1,2
35
45
nsec
tD2
Delay Time
Test Figure 1,2
45
55
nsec
FMAX
Maximum Switching Frequency
Test Figure 1
1.0
MHz
VDD = 5V, VBOOST > 8.5V
Voltage Booster
R3
Voltage Tripler Output
IL = 10 mA, VDD = 5V
300
400
Source Resistance
R2
Voltage Doubler Output
120
200
Source Resistance
FOSC
Oscillator Frequency
12
28
kHz
VOSC
Oscillator Amplitude
RLOAD = 10kΩ
4.5
10
V
Measured at C1-
UV
Undervoltage Threshold
7.0
7.8
8.5
V
@ VBOOST
VSTART
Start Up Voltage
10.5
11.3
12
V
@ VBOOST
VBOOST
@VDD = 5V
No Load
14.6
V
Power Supply
IDD
Power Supply Current
VIN = LOW or HIGH
2.5
mA
VDD
Supply Voltage
4.0
6.0
V


Similar Part No. - TC4627

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4627 MICROCHIP-TC4627 Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4627 MICROCHIP-TC4627 Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4627COE MICROCHIP-TC4627COE Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4627COE MICROCHIP-TC4627COE Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4627CPA MICROCHIP-TC4627CPA Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
More results

Similar Description - TC4627

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
   Power CMOS Drivers With Voltage Tripler
2002
TC4626 MICROCHIP-TC4626_13 Datasheet
255Kb / 18P
   Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
New Japan Radio
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
   VOLTAGE TRIPLER
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
   Daubler Tripler Quintapler
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Texas Instruments
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
   VIDEO SUB-CARRIER SIGNAL TRIPLER
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
   11-33 GHz Tripler MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com