Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6501P131ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6501P131ML
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501P131ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6501P131ML Datasheet HTML 4Page - Torex Semiconductor XC6501P131ML Datasheet HTML 5Page - Torex Semiconductor XC6501P131ML Datasheet HTML 6Page - Torex Semiconductor XC6501P131ML Datasheet HTML 7Page - Torex Semiconductor XC6501P131ML Datasheet HTML 8Page - Torex Semiconductor XC6501P131ML Datasheet HTML 9Page - Torex Semiconductor XC6501P131ML Datasheet HTML 10Page - Torex Semiconductor XC6501P131ML Datasheet HTML 11Page - Torex Semiconductor XC6501P131ML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
XC6501 Series
■TEST CIRCUITS
●測定回路①
●測定回路②
●測定回路③
V
CE
VIN
VSS
VOUT
V
A
CIN=0.1μF
(ceramic)
IOUT
A
V
CE
VIN
VSS
VOUT
A
V
CE
VIN
VSS
VOUT
V
A
IOUT
V
●Circuit ②
●Circuit ③
●Circuit ①


Similar Part No. - XC6501P131ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501P1217R-G TOREX-XC6501P1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P121GR TOREX-XC6501P121GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P121GR-G TOREX-XC6501P121GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P121HR TOREX-XC6501P121HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P121HR-G TOREX-XC6501P121HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501P131ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com