Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC427CPA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC427CPA
Description  1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC427CPA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC427CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC427CPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC427CPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC427CPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC427CPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-171
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC426
TC427
TC428
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
effect device reliability.
SUPPLY BYPASSING
Charging and discharging large capacitive loads quickly
requires large currents. For example, charging a 1000-pF
load to18V in 25nsec requires an 0.72A current from the
device power supply.
To guarantee low supply impedance over a wide fre-
quency range, a parallel capacitor combination is recom-
mended for supply bypassing. Low-inductance ceramic
disk capacitors with short lead lengths (< 0.5 in.) should be
used. A 1
µF film capacitor in parallel with one or two
0.1
µF ceramic disk capacitors normally provides adequate
bypassing.
GROUNDING
The TC426 and TC428 contain inverting drivers. Ground
potential drops developed in common ground impedances
from input to output will appear as negative feedback and
degrade switching speed characteristics.
Individual ground returns for the input and output
circuits or a ground plane should be used.
INPUT STAGE
The input voltage level changes the no-load or quies-
cent supply current. The N-channel MOSFET input stage
transistor drives a 2.5mA current source load. With a logic
"1" input, the maximum quiescent supply current is 8 mA.
Logic "0" input level signals reduce quiescent current to
0.4 mA maximum. Minimum power dissipation occurs for
logic "0" inputs for the TC426/427/428. Unused driver
inputs must be connected to VDD or GND.
The drivers are designed with 100 mV of hysteresis.
This provides clean transitions and minimizes output stage
current spiking when changing states. Input voltage thresh-
olds are approximately 1.5V, making the device TTL com-
patible over the 4.5V to 18V supply operating range. Input
current is less than 1
µA over this range.
The TC426/427/428 may be directly driven by the
TL494, SG1526/1527, SG1524, SE5560, and similar switch-
mode power supply integrated circuits.
POWER DISSIPATION
The supply current vs frequency and supply current vs
capacitive load characteristic curves will aid in determining
power dissipation calculations.
The TC426/427/428 CMOS drivers have greatly re-
duced quiescent DC power consumption. Maximum quies-
cent current is 8 mA compared to the DS0026 40 mA
specification. For a 15V supply, power dissipation is typi-
cally 40 mW.
Two other power dissipation components are:
• Output stage AC and DC load power.
• Transition state power.
Output stage power is:
Po = PDC + PAC
= Vo (IDC) + f CL VS
Where:
Vo = DC output voltage
IDC = DC output load current
f
= Switching frequency
Vs = Supply voltage
In power MOSFET drive applications the PDC term is
negligible. MOSFET power transistors are high imped-
ance, capacitive input devices. In applications where resis-
tive loads or relays are driven, the PDC component will
normally dominate.
The magnitude of PAC is readily estimated for several
cases:
A.
B.
1. f
= 20kHZ
1. f
= 200kHz
2. CL
=1000pf
2. CL
=1000pf
3. Vs
= 18V
3. VS
=15V
4. PAC = 65mW
4. PAC = 45mW
During output level state changes, a current surge will
flow through the series connected N and P channel output
MOSFETS as one device is turning "ON" while the other is
turning "OFF". The current spike flows only during output
transitions. The input levels should not be maintained be-
tween the logic "0" and logic "1" levels. Unused driver
inputs must be tied to ground and not be allowed to
float. Average power dissipation will be reduced by mini-
mizing input rise times. As shown in the characteristic
curves, average supply current is frequency dependent.


Similar Part No. - TC427CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC427CPA MICROCHIP-TC427CPA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC427CPA MICROCHIP-TC427CPA Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC427CPA MICROCHIP-TC427CPA Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
More results

Similar Description - TC427CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com