Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK008V Datasheet(PDF) 6 Page - Teccor Electronics

Part # SK008V
Description  SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

SK008V Datasheet(HTML) 6 Page - Teccor Electronics

Back Button SK008V Datasheet HTML 2Page - Teccor Electronics SK008V Datasheet HTML 3Page - Teccor Electronics SK008V Datasheet HTML 4Page - Teccor Electronics SK008V Datasheet HTML 5Page - Teccor Electronics SK008V Datasheet HTML 6Page - Teccor Electronics SK008V Datasheet HTML 7Page - Teccor Electronics SK008V Datasheet HTML 8Page - Teccor Electronics SK008V Datasheet HTML 9Page - Teccor Electronics SK008V Datasheet HTML 10Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
* Mounted on 1cm2 copper foil surface; two-ounce copper foil
Electrical Isolation
Teccor’s isolated SCR packages will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following table
shows standard and optional isolation ratings.
* UL Recognized File #E71639
** For 4000 V isolation, use “V” suffix in part number.
Thermal Resistance (Steady State)
RqJC [RqJA] °C/W (TYP.)
Pkg.
Code
LF
F2
R
J
W
K
M
D
V
N
Type
TO-220
Isolated
TO-202
Type 1
Non-isolated
TO-202
Type 2
Non-isolated
TO-220
Non-isolated
TO-218X
Isolated
TO-218X
Non-isolated
TO-218
Isolated
TO-218
Non-isolated
TO-252
D-Pak
Surface Mount
TO-251AA
V-Pak
Non-isolated
TO-263
D2Pak
Non-isolated
1A
See below
6A
4.0 [50]
4.3 [45]
9.5 [70]
1.7
2.3 [70]
8A
3.4
3.9
1.8 [40]
1.5
2.0
10 A
3.0
3.4
1.6
1.45
1.7
12 A
1.5
1.4
1.6
15 A
2.5
16 A
1.3
1.3
20 A
2.4
25 A
2.35
1.0
1.0
35 A
0.70
0.70
40 A
0.6
0.6
55 A
0.5
0.53
0.53
0.5
65 A
0.86
0.86
70 A
0.60
Thermal Resistance (Steady State)
RqJC [RqJA] °C/W (TYP.)
Package Code
CE
Type
Compak
TO-92
1A
35 *
50 [145]
Electrical Isolation *
from Leads to Mounting Tab
VAC RMS
TO-220
Isolated
TO-218X
Isolated
TO-218
Isolated
2500
Standard
Standard
Standard
4000
Optional **
N/A
N/A


Similar Part No. - SK008V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SK008V LITTELFUSE-SK008V Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK008V LITTELFUSE-SK008V Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
SK008V LITTELFUSE-SK008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
SK008V ETC2-SK008V Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
SK008V LITTELFUSE-SK008V Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - SK008V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com