Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK008R Datasheet(PDF) 5 Page - Teccor Electronics

Part # SK008R
Description  SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

SK008R Datasheet(HTML) 5 Page - Teccor Electronics

  SK008R Datasheet HTML 1Page - Teccor Electronics SK008R Datasheet HTML 2Page - Teccor Electronics SK008R Datasheet HTML 3Page - Teccor Electronics SK008R Datasheet HTML 4Page - Teccor Electronics SK008R Datasheet HTML 5Page - Teccor Electronics SK008R Datasheet HTML 6Page - Teccor Electronics SK008R Datasheet HTML 7Page - Teccor Electronics SK008R Datasheet HTML 8Page - Teccor Electronics SK008R Datasheet HTML 9Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E6 - 2 and “Electrical Specification Notes” on page E6 - 3.
VTM
VGT
IH
IGM
PGM
PG(AV)
ITSM
dv/dt
I2t
di/dt
tgt
tq
(3)
Volts
(8) (17)
Volts
(5) (13)
mAmps
(12)
Amps
(12)
Watts
Watts
(6) (10) (16)
Amps
Volts/µSec
Amps2Sec
Amps/µSec
(7)
µSec
(9) (10)
µSec
TC = 25 °C TC = 25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MIN
MIN
TYP
MAX
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
425
325
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
400
300
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
200
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
450
350
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
425
325
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
400
300
210
125
2
35
1.6
1.5
40
3
30
0.6
225/188
200
210
125
2
35
1.6
1.5
40
3
30
0.6
300/255
450
350
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
450
350
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
425
325
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
400
300
374
125
2
35
1.6
1.5
40
3
30
0.6
300/255
200
374
125
2
35
1.6
1.5
50
3.5
35
0.8
350/300
450
350
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
450
350
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
425
325
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
400
300
510
150
2
35
1.6
1.5
50
3.5
35
0.8
350/300
200
510
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
450
350
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
450
350
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
425
325
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
400
300
1035
150
2
35
1.8
1.5
50
3.5
35
0.8
500/425
200
1035
150
2
35
1.8
1.5
60
3.5
35
0.8
520/430
650
550
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
650
550
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
600
500
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
500
475
1122
175
2.5
35
1.8
1.5
60
3.5
35
0.8
520/430
250
1122
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
650
550
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
650
550
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
600
500
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
500
475
1750
175
2.5
35
1.8
1.5
60
4
40
0.8
650/550
250
1750
175
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
600
500
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
500
475
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
250
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
650
550
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
600
500
3745
200
2.5
35
1.8
2
80
5
50
1
950/800
500
475
3745
200
2.5
35


Similar Part No. - SK008R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SK008R LITTELFUSE-SK008R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
SK008R LITTELFUSE-SK008R Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
SK008R LITTELFUSE-SK008R Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
SK008R ETC2-SK008R Datasheet
218Kb / 12P
   RoHS Compliant
logo
Littelfuse
SK008R LITTELFUSE-SK008R Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results

Similar Description - SK008R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com