Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4424 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC4424
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4424 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC4424 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4424 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4-243
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
200
0
400
600
800
1000
1200
1400
020
40
60
80
100
120
140
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
16 Pin SOIC
8 Pin CerDIP
Thermal Derating Curves
TC4423 Crossover Energy
10–9
8
10–8
02468
10
12
14
16
18
6
4
2
8
6
4
2
10–10
VIN
NOTE: The values on this graph
represent the loss seen by both drivers in
a package during one complete cycle. For
a single driver, divide the stated values by
2. For a single transition of a single driver,
divide the stated value by 4.
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings (See page 2) may
cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not
implied. Exposure to Absolute Maximum Rating Conditions for extended
periods may affect device reliability.
3A DUAL HIGH-SPEED
MOSFET DRIVERS
TC4423
TC4424
TC4425


Similar Part No. - TC4424

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4424 MICROCHIP-TC4424 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4424 MICROCHIP-TC4424 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4424 MICROCHIP-TC4424 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424A MICROCHIP-TC4424A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424A MICROCHIP-TC4424A Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

Similar Description - TC4424

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com