Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1947EMS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1947EMS
Description  Adjustable Output TFT-LCD Triple Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1947EMS Datasheet(HTML) 2 Page - Linear Technology

  LT1947EMS Datasheet HTML 1Page - Linear Technology LT1947EMS Datasheet HTML 2Page - Linear Technology LT1947EMS Datasheet HTML 3Page - Linear Technology LT1947EMS Datasheet HTML 4Page - Linear Technology LT1947EMS Datasheet HTML 5Page - Linear Technology LT1947EMS Datasheet HTML 6Page - Linear Technology LT1947EMS Datasheet HTML 7Page - Linear Technology LT1947EMS Datasheet HTML 8Page - Linear Technology LT1947EMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1947
2
1947fa
VIN Voltage ................................................................ 8V
CT Voltage.................................................................. 6V
SW1, SW2 Voltage .................................................. 36V
VON, VO2 Voltage ..................................................... 30V
ORDER PART
NUMBER
MSE PART MARKING
LTBQW
LT1947EMSE
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR, Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
FB1, FB2 .................................................................... 3V
SHDN ......................................................................... 8V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
5
FB1
FB2
CT
SW1
GND
10
9
8
7
6
VON
VO2
SHDN
SW2
VIN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
ORDER PART
NUMBER
MS PART MARKING
LTUE
LT1947EMS
TJMAX = 125°C, θJA = 120°C/W
TJMAX = 125°C, θJA = 40°C/W
1
2
3
4
5
FB1
FB2
CT
SW1
GND
10
9
8
7
6
VON
V02
SHDN
SW2
VIN
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = 3.3V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.7
8
V
Supply Current
SHDN = 2.4V
9.5
12.5
mA
SHDN = 0V
1
µA
FB1 Voltage
1.240
1.26
1.280
V
1.225
1.295
V
FB2 Voltage
1.225
1.26
1.295
V
1.210
1.310
V
Reference Line Regulation
VIN = 2.7V to 8V
0.01
0.05
%/V


Similar Part No. - LT1947EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1947EMS LINER-LT1947EMS Datasheet
177Kb / 8P
   Adjustable Output TFT-LCD Triple Switching Regulator
More results

Similar Description - LT1947EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1947 LINER-LT1947 Datasheet
177Kb / 8P
   Adjustable Output TFT-LCD Triple Switching Regulator
LT1947 LINER-LT1947_15 Datasheet
201Kb / 12P
   Adjustable Output TFT-LCD Triple Switching Regulator
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
   Triple-Output TFT LCD Power Supply with Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com