Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4421 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4421
Description  9A HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4421 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4421 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-232
TELCOM SEMICONDUCTOR, INC.
9A HIGH-SPEED MOSFET DRIVERS
TC4421
TC4422
ELECTRICAL CHARACTERISTICS: T
A = 25°C with 4.5V ≤ VDD ≤ 18V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 Input Voltage
2.4
1.8
V
VIL
Logic 0 Input Voltage
1.3
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
RO
Output Resistance, High
VDD = 18V, IO = 10 mA
1.4
RO
Output Resistance, Low
VDD = 18V, IO = 10 mA
0.9
1.7
IPK
Peak Output Current
VDD = 18V
9
A
IDC
Continuous Output Current
10V
≤ VDD ≤ 18V, TC = 25°
2A
(TC4421/22 CAT only)
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
>1500
mA
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 10,000 pF
60
75
nsec
tF
Fall Time
Figure 1, CL = 10,000 pF
60
75
nsec
tD1
Delay Time
Figure 1
30
60
nsec
tD2
Delay Time
Figure 1
33
60
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
0.2
1.5
mA
VIN = 0V
55
150
µA
VDD
Operating Input Voltage
4.5
18
V
Input
VIH
Logic 1 Input Voltage
2.4
V
VIL
Logic 0 Input Voltage
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
10
µA
ABSOLUTE MAXIMUM RATINGS*
Power Dissipation, TA ≤ 70°C
PDIP .................................................................. 730W
CerDIP ............................................................ 800mW
5-Pin TO-220 ...................................................... 1.6W
Power Dissipation, TA ≤ 70°C
5-Pin TO-220 (With Heat Sink) ......................... 1.60W
Derating Factors (To Ambient)
PDIP ............................................................. 8mW/
°C
CerDIP ....................................................... 6.4mW/
°C
5-Pin TO-220 .............................................. 12mW/
°C
Thermal Impedance (To Case)
5-Pin TO-220 RQJ-C ..................................................... 10°C/W
Storage Temperature ............................ – 65
°C to +150°C
Operating Temperature (Chip) ................................ 150
°C
Operating Temperature (Ambient)
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Lead Temperature (10 sec) ..................................... 300
°C
Supply Voltage ............................................................20V
Input Voltage .......................... (VDD + 0.3V) to (GND - 5V)
Input Current (VIN > VDD) ........................................50 mA
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - TC4421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421 MICROCHIP-TC4421 Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Similar Description - TC4421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com