Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4421 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC4421
Description  9A HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4421 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC4421 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4421 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-236
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS (Cont.)
120
110
100
90
80
70
60
50
40
30
20
10
0
12345
6
7
8
9
10
Propagation Delay vs. Input Amplitude
VDD = 10V
CLOAD = 10000V
tD2
tD1
INPUT (V)
50
–40 –20
0
20
40
60
80
100 120
–60
Propagation Delay vs. Temperature
45
40
35
30
25
20
tD2
tD1
10
3
10
2
–40 –20
0
20
40
60
80 100 120
–60
T (°C)
J
Quiescent Supply Current vs. Temperature
V
= 18V
DD
6
4
6
8
10
121416
18
High-State Output Resistance
vs. Supply Voltage
V
(V)
DD
TJ = 150° C
TJ = 25° C
DD
4
6
8
10
121416
18
V
(V)
Low-State Output Resistance
vs. Supply Voltage
TJ = 150°C
TJ = 25°C
Crossover Energy vs. Supply Voltage
10
10
–6
–7
DD
NOTE: The values on this graph represent the loss seen
by the driver during a complete cycle. For the loss
in a single transition, divide the stated value by 2.
10
–8
46
8
10
12
14
16
18
V
INPUT = 1
INPUT = 0
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
T (°C)
A
TC4421
TC4422
9A HIGH SPEED MOSFET DRIVERS


Similar Part No. - TC4421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421 MICROCHIP-TC4421 Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Similar Description - TC4421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com