Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4420 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4420
Description  6A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4420 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4420 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-226
TELCOM SEMICONDUCTOR, INC.
6A HIGH-SPEED MOSFET DRIVERS
TC4420
TC4429
ELECTRICAL CHARACTERISTICS: TA = +25°C with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
1.8
V
VIL
Logic 0 Low Input Voltage
1.3
0.8
V
VIN (Max)
Input Voltage Range
–5
VDD+0.3
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 18V
2.1
2.8
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 18V
1.5
2.5
IPK
Peak Output Current
VDD = 18V (See Figure 5)
6
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
1.5
A
Withstand Reverse Current
t
≤ 300 µs
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 2500 pF
25
35
nsec
tF
Fall Time
Figure 1, CL = 2500 pF
25
35
nsec
tD1
Delay Time
Figure 1
55
75
nsec
tD2
Delay Time
Figure 1
55
75
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
0.45
1.5
mA
VIN = 0V
55
150
µA
VDD
Operating Input Voltage
4.5
18
V
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +20V
Input Voltage ............................................... – 5V to > VDD
Input Current (VIN > VDD) .........................................50mA
Power Dissipation, TA ≤ 70°C
PDIP ...............................................................730mW
SOIC ...............................................................470mW
CerDIP ............................................................ 800mW
5-Pin TO-220 ...................................................... 1.6W
Package Power Dissipation (TA ≤ 70°C)
5-Pin TO-220 (With Heat Sink) ......................... 1.60W
Derating Factors (To Ambient)
PDIP ............................................................. 8mW/
°C
SOIC ............................................................. 4mW/
°C
CerDIP ....................................................... 6.4mW/
°C
5-Pin TO-220 .............................................. 12mW/
°C
Thermal Impedances (To Case)
5-Pin TO-220 RθJ-C ........................................ 10°C/W
Storage Temperature Range ................ – 65
°C to +150°C
Operating Temperature (Chip) .............................. +150
°C
Operating Temperature Range (Ambient)
C Version ............................................... 0
°C to +70°C
I Version ........................................... – 25
°C to +85°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - TC4420

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420CAT MICROCHIP-TC4420CAT Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420CAT MICROCHIP-TC4420CAT Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420CAT MICROCHIP-TC4420CAT Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4420

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com