Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1428COA Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC1428COA
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1428COA Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC1428COA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1428COA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1428COA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1428COA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1428COA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1428COA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-212
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTIC (Cont.)
100mA
50mA
10mA
15
13
11
9
7
5
5
79
11
13
15
VDD
Low-State Output Resistance
TA = +25°C
(V)
50
42
34
26
18
10
5
7
9
11
13
15
VDD
100mA
50mA
10mA
High-State Output Resistance
TA = +25°C
(V)
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
10 -8
10 -9
10 -10
46
8
10
12
14
16
18
VDD (V)
Crossover Energy Loss
TA = +25°C
20
15
10
5
0
1
234
5
6
SUPPLY CURRENT (mA)
BOTH INPUTS LOGIC “1”
Quiescent Power Supply
Current vs. Supply Voltage
0
20
15
10
5
0
50
100
150
200
300
400
SUPPLY CURRENT (
µA)
Quiescent Power Supply
Current vs. Supply Voltage
BOTH INPUTS LOGIC “0”
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428


Similar Part No. - TC1428COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1428COA MICROCHIP-TC1428COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1428COA MICROCHIP-TC1428COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1428COA MICROCHIP-TC1428COA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1428COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com