Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KUK130-50DL Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KUK130-50DL
Description  Logic level TOPFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KUK130-50DL Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KUK130-50DL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KUK130-50DL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
1 Input
2Drain
3 Source
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Continuous drain source voltage
VDS
50
V
Continuous drain current VIS =5V; Tmb =25
ID
selflimited
A
Continuous drain current VIS =5V; Tmb
121
ID
20
A
Continuous input current
II
-5 to 5
mA
Repetitive peak input current *1
IIRM
-50to50
mA
Total power dissipation Tmb
25
PD
90
W
Storage temperature
Tstg
-55 To 175
Continuous junction temperature2 normal operation
Tj
150
Case temperature during soldering
Tsold
260
Electrostatic discharge capacitor voltage *2
VC
2kV
*1 ä
0.1, tp = 300 ìs
*2 C = 250 pF; R = 1.5 kÙ
Features
TrenchMOS output stage
Current limiting
Overload protection
Overtemperature protection
Protection latched reset by input
5 V logic compatible input level
Control of output stage and supply of overload protection
circuits derived from input
Low operating input current permits direct drive by
micro-controller
ESD protection on all pins
Overvoltage clamping for turn off of inductive loads
Logic level TOPFET
KUK130-50DL


Similar Part No. - KUK130-50DL

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
KUK109-50DL KEXIN-KUK109-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
KUK110-50GL KEXIN-KUK110-50GL Datasheet
60Kb / 3P
   PowerMOS transistor Logic level TOPFET
KUK114-50L KEXIN-KUK114-50L Datasheet
64Kb / 3P
   Logic level TOPFET
KUK128-50DL KEXIN-KUK128-50DL Datasheet
58Kb / 2P
   Logic level TOPFET
More results

Similar Description - KUK130-50DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3119-P PHILIPS-PIP3119-P Datasheet
31Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
logo
Guangdong Kexin Industr...
KUK129-50DL KEXIN-KUK129-50DL Datasheet
58Kb / 2P
   Logic level TOPFET
logo
NXP Semiconductors
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
   Logic level TOPFET
September 1996 Rev 1.000
PIP3115-B PHILIPS-PIP3115-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
BUK135-50L NXP-BUK135-50L Datasheet
168Kb / 13P
   Logic level TOPFET
July 2002 Rev 1.100
PIP3102-R PHILIPS-PIP3102-R Datasheet
162Kb / 13P
   LOGIC LEVEL TOPFET
October 2002-Rev 1.000
PIP3105-P PHILIPS-PIP3105-P Datasheet
33Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
BUK119-50DL PHILIPS-BUK119-50DL Datasheet
47Kb / 6P
   Logic level TOPFET
May 2001-Rev 1.900
PIP3117-B PHILIPS-PIP3117-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
PIP3107-D PHILIPS-PIP3107-D Datasheet
39Kb / 6P
   Logic level TOPFET
October 2001-Rev 1.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com