Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5230B Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # ZMM5230B
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

ZMM5230B Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  ZMM5230B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd ZMM5230B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
Typical
Temperature
Coefficient @ IZT
Nom.
Min.
Max.
IZ
(mA)
ZZT @IZT
(
)
ZZK @IZK
=0.25mA
(
)
IR
(
A)
@VR (V)
%/
ZMM5232B
5.6
5.32
5.88
20
11
1600
5.0
3.0
+0.038
ZMM5233B
6.0
5.70
6.30
20
7.0
1600
5.0
3.5
+0.038
ZMM5234B
6.2
5.89
6.51
20
7.0
1000
5.0
4.0
+0.045
ZMM5235B
6.8
6.46
7.14
20
5.0
750
3.0
5.0
+0.050
ZMM5236B
7.5
7.13
7.88
20
6.0
500
3.0
6.0
+0.058
ZMM5237B
8.2
7.79
8.61
20
8.0
500
3.0
6.5
+0.062
ZMM5238B
8.7
8.27
9.14
20
8.0
600
3.0
6.5
+0.065
ZMM5239B
9.1
8.65
9.56
20
10
600
3.0
7.0
+0.068
ZMM5240B
10
9.50
10.50
20
17
600
3.0
8.0
+0.075
ZMM5241B
11
10.45
11.55
20
22
600
2.0
8.4
+0.076
ZMM5242B
12
11.40
12.60
20
30
600
1.0
9.1
+0.077
ZMM5243B
13
12.35
13.65
9.5
13
600
0.5
9.9
+0.079
ZMM5244B
14
13.30
14.70
9.0
15
600
0.1
10
+0.082
ZMM5245B
15
14.25
15.75
8.5
16
600
0.1
11
+0.082
ZMM5246B
16
15.20
16.80
7.8
17
600
0.1
12
+0.083
ZMM5247B
17
16.15
17.85
7.4
19
600
0.1
13
+0.084
ZMM5248B
18
17.10
18.90
7.0
21
600
0.1
14
+0.085
ZMM5249B
19
18.05
19.95
6.6
23
600
0.1
14
+0.086
ZMM5250B
20
19.00
21.00
6.2
25
600
0.1
15
+0.086
ZMM5251B
22
20.90
23.10
5.6
29
600
0.1
17
+0.087
ZMM5252B
24
22.80
25.20
5.2
33
600
0.1
18
+0.087
ZMM5253B
25
23.75
26.25
5.0
35
600
0.1
19
+0.089
ZMM5254B
27
25.65
28.35
4.6
41
600
0.1
21
+0.090
ZMM5255B
28
26.60
29.40
4.5
44
600
0.1
21
+0.091
ZMM5256B
30
28.50
31.50
4.2
49
600
0.1
23
+0.091
ZMM5257B
33
31.35
34.65
3.8
58
700
0.1
25
+0.092
ZMM5258B
36
34.20
37.80
3.4
70
700
0.1
27
+0.093
ZMM5259B
39
37.05
40.95
3.2
80
800
0.1
30
+0.094
ZMM5260B
43
40.85
45.15
3.0
93
900
0.1
33
+0.095
ZMM5261B
47
44.65
49.35
2.7
105
1000
0.1
36
+0.095
ZMM5262B
51
48.45
53.55
2.5
125
1100
0.1
39
+0.096
ZMM5263B
56
53.20
58.80
2.2
150
1300
0.1
43
+0.096
ZMM5264B
60
57.00
63.00
2.1
170
1400
0.1
46
+0.097
ZMM5265B
62
58.90
65.10
2.0
185
1400
0.1
47
+0.097
ZMM5266B
68
64.60
71.40
1.8
230
1600
0.1
52
+0.097
ZMM5267B
75
71.25
78.75
1.7
270
1700
0.1
56
+0.098
* Tested with pulses, Tp
100ms.
Maximum Reverse
Current
Type
Zener voltage
VZ (V)
Maximum Zener
Impedance
ZMM5221B - ZMM5267B


Similar Part No. - ZMM5230B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5230B RECTRON-ZMM5230B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
ZMM5230B PFS-ZMM5230B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5230B DIODES-ZMM5230B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5230B JGD-ZMM5230B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
EIC discrete Semiconduc...
ZMM5230B EIC-ZMM5230B Datasheet
126Kb / 2P
   ZENER DIODES
More results

Similar Description - ZMM5230B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com