Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6416AF10ER Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6416AF10ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416AF10ER Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6416AF10ER Datasheet HTML 5Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 6Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 7Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 8Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 9Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 10Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 11Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 12Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
XC6416
Series
<Input and Output Capacitor>
The XC6416 needs an output capacitor for phase compensation. The requested capacitance values are described in the table
below. The device may go into unstable operation when the output capacitance reduction happens as a result of bias or
temperature drift. Please choose a capacitor with less influence from temperature and bias. Also, please place 1.0μF input
capacitor CL between VIN and VSS pins for stabilizing input supply voltage.
■OPERATIONAL DESCRIPTION
<Output Voltage Control>
The voltage divided by resistors Rx1 & Rx2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the
VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate
in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the EN pin's signal.
< XC6416CD Series >
<GreenOperation>
XC6416C/D/G/H series can be set as a fixed high-speed (HS) mode or a green operation (GO) mode via a signal to the green
operation (GO) pin. The IC operates in the GO mode when the GO pin becomes low level and the IC operates in the fixed
high-speed mode when the GO pin becomes high level. The XC6416A/B/E/F series normally operates in GO mode because
the GO signal is fixed to the VSS level inside the IC. The GO mode enables the IC to switch automatically the supply current to
the high speed (HS) mode and the power save (PS) mode according to the level of output current. While having both
high-speed operation and low supply current state, the series can acquire high efficiency. At the HS/PS automatic switching
mode (GO mode), the switching point of the HS mode and the PS mode is being fixed inside the IC. When the output current
becomes IGOR 1.5mA (TYP.) or below, the mode changes automatically to the PS mode after the delay time of hundreds μs
(TYP.), and it can reduce supply current in light load. Also when the output current becomes IGO 4mA (TYP.) or more, the
mode changes automatically to the HS mode and the IC becomes high speed operation.
OUTPUT VOLTAGE
OUTPUT CAPACITOR
0.8V∼2.35V
CL≧2.2μF
2.4V∼4.0V
CL≧1.0μF
Output Capacitor Table


Similar Part No. - XC6416AF10ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416AF10ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com