Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1411NCPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1411NCPA
Description  1A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1411NCPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1411NCPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1411NCPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1411NCPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1411NCPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1411NCPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-189
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1A HIGH-SPEED MOSFET DRIVERS
TC1411
TC1411N
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1411COA
8-Pin SOIC
0
°C to +70°C
TC1411CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1411EOA
8-Pin SOIC
– 40
°C to +85°C
TC1411EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC1411NCOA
8-Pin SOIC
0
°C to +70°C
TC1411NCPA
8-Pin Plastic DIP
0
°C to +70°C
TC1411NEOA
8-Pin SOIC
– 40
°C to +85°C
TC1411NEPA
8-Pin Plastic DIP
– 40
°C to +85°C
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
INPUT
GND
EFFECTIVE
INPUT
C = 10pF
300mV
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
VDD
TC1411N
4.7V
TC1411
FEATURES
s
Latch-Up Protected: Will Withstand 500mA
Reverse Current
s
Input Will Withstand Negative Inputs Up to 5V
s
ESD Protected .................................................... 4 kV
s
High Peak Output Current .................................. 1A
s
Wide Operating Range .......................... 4.5V to 16V
s
High Capacitive Load
Drive Capability .......................... 1000pF in 25nsec
s
Short Delay Time .................................. 30nsec Typ
s
Consistent Delay Times With Changes in
Supply Voltage
s
Matched Delay Times
s
Low Supply Current
— With Logic “1” Input ................................. 500
µA
— With Logic “0” Input ................................. 150
µA
s
Low Output Impedance ....................................... 8
s
Pinout Same as TC1410/12/13
GENERAL DESCRIPTION
The TC1411/1411N are 1A CMOS buffer/drivers. They
will not latch up under any conditions within their power and
voltage ratings. They are not subject to damage when up to
5V of noise spiking of either polarity occurs on the ground
pin. They can accept, without damage or logic upset, up to
500 mA of current of either polarity being forced back into
their output. All terminals are fully protected against up to 4
kV of electrostatic discharge.
As MOSFET drivers, the TC1411/1411N can easily
switch 1000 pF gate capacitance in 25nsec with matched
rise and fall times, and provide low enough impedance in
both the ON and the OFF states to ensure the MOSFET’s
intended state will not be affected, even by large transients.
The rise and fall time edges are matched to allow driving
short-duration inputs with greater accuracy.
PIN CONFIGURATIONS
TC1411
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
NC = NO INTERNAL CONNECTION
2
6, 7
INVERTING
NOTE: SOIC pinout is identical to DIP.
OUT
TC1411N
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
2
6, 7
NONINVERTING
OUT
TC1411/N-10 10/11/96


Similar Part No. - TC1411NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NCPA MICROCHIP-TC1411NCPA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411NCPA MICROCHIP-TC1411NCPA Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
More results

Similar Description - TC1411NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411 MICROCHIP-TC1411_06 Datasheet
762Kb / 18P
   1A High-Speed MOSFET Drivers
2006
TC1411 MICROCHIP-TC1411_13 Datasheet
994Kb / 26P
   1A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com