Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1427
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1427 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1427 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-207
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC1426
TC1427
TC1428
GENERAL DESCRIPTION
The TC1426/27/28 are a family of 1.2A dual high- speed
drivers. CMOS fabrication is used for low power consump-
tion and high efficiency.
These devices are fabricated using an epitaxial layer to
effectively short out the intrinsic parasitic transistor respon-
sible for CMOS latch-up. They incorporate a number of other
design and process refinements to increase their long-term
reliability.
The TC1426 is compatible with the bipolar DS0026, but
only draws 1/5 of the quiescent current. The TC1426/27/28
are also compatible with the TC426/27/28, but with 1.2A
peak output current rather than the 1.5A of the TC426/27/28
devices.
Other compatible drivers are the TC4426/27/28 and the
TC4426A/27A/28A. The TC4426/27/28 have the added
feature that the inputs can withstand negative voltage up to
5V with diode protection circuits. The TC4426A/27A/28A
have matched input to output leading edge and falling edge
delays, tD1 and tD2, for processing short duration pulses in
the 25 nanoseconds range. All of the above drivers are pin
compatible.
The high-input impedance TC1426/27/28 drivers are
CMOS/TTL input-compatible, do not require the speed-up
needed by the bipolar devices, and can be directly driven by
most PWM ICs.
This family of devices is available in inverting and non-
inverting versions. Specifications have been optimized to
achieve low-cost and high-performance devices, well-suited
for the high-volume manufacturer.
FEATURES
s Low Cost
s Latch-Up Protected: Will Withstand 500 mA Reverse
Output Current
s ESD Protected ...................................................
±2 kV
s High Peak Output Current ........................ 1.2A Peak
s High Capacitive Load Drive
Capability ...................................... 1000pF in 38nsec
s Wide Operating Range ........................... 4.5V to 16V
s Low Delay Time ...................................... 75nsec Max
s Logic Input Threshold Independent of
Supply Voltage
s Output Voltage Swing to Within 25mV of
Ground or VDD
s Low Output Impedance ........................................ 8
APPLICATIONS
s Power MOSFET Drivers
s Switched Mode Power Supplies
s Pulse Transformer Drive
s Small Motor Controls
s Print Head Drive
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC1426COA
8-Pin SOIC
0
°C to +70°C
TC1426CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1427COA
8-Pin SOIC
0
°C to +70°C
TC1427CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1428COA
8-Pin SOIC
0
°C to +70°C
TC1428CPA
8-Pin Plastic DIP
0
°C to +70°C
TC1426CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC = NO CONNECTION
2, 4
7, 5
INVERTING
TC1427CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
NON-INVERTING
TC1428CPA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
TC1426COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC = NO CONNECTION
2, 4
7, 5
INVERTING
TC1427COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2, 4
7, 5
NON-INVERTING
TC1428COA
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
27
45
VDD
VDD
PIN CONFIGURATIONS
INPUT
V
+
2.5mA
500
µA
NOTE: TC1428 has one inverting and one noninverting driver.
Ground any unused driver input.
INVERTING
OUTPUT
NONINVERTING
OUTPUT
(TC1426)
(TC1427)
GND
TC1426 INVERTING
TC1427 NONINVERTING
TC1428 INVERTING/NONINVERTING
FUNCTIONAL BLOCK DIAGRAM
TC1426/7/8-8 10/11/96


Similar Part No. - TC1427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1427 MICROCHIP-TC1427 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427 MICROCHIP-TC1427 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1427 MICROCHIP-TC1427 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1427COA MICROCHIP-TC1427COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427COA MICROCHIP-TC1427COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
More results

Similar Description - TC1427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com