Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1426 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC1426
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1426 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1426 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-210
TELCOM SEMICONDUCTOR, INC.
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428
OUTPUT
INPUT
0.1
µF MLC
VDD
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
C = 1000pF
L
1
µF
WIMA
MKS-2
= 16V
TC1427
(1/2 TC1428)
+5V
INPUT
VDD
OUTPUT
0V
0V
90%
Test Circuit
1
2
OUTPUT
INPUT
0.1
µF MLC
VDD
+5V
INPUT
10%
90%
10%
90%
10%
90%
VDD
OUTPUT
tD1
tF
tR
tD2
C = 1000pF
L
1
µF
WIMA
MKS-2
= 16V
0V
0V
TC1426
(1/2 TC1428)
1
2
Test Circuit
Figure 2. Non-Inverting Driver Switching Time
Figure 1. Inverting Driver Switching Time


Similar Part No. - TC1426

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1426COA MICROCHIP-TC1426COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426COA MICROCHIP-TC1426COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1426COA MICROCHIP-TC1426COA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1426

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com