Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1939IDD-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1939IDD-PBF
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939IDD-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1939IDD-PBF Datasheet HTML 1Page - Linear Technology LT1939IDD-PBF Datasheet HTML 2Page - Linear Technology LT1939IDD-PBF Datasheet HTML 3Page - Linear Technology LT1939IDD-PBF Datasheet HTML 4Page - Linear Technology LT1939IDD-PBF Datasheet HTML 5Page - Linear Technology LT1939IDD-PBF Datasheet HTML 6Page - Linear Technology LT1939IDD-PBF Datasheet HTML 7Page - Linear Technology LT1939IDD-PBF Datasheet HTML 8Page - Linear Technology LT1939IDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1939
4
1939f
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Voltage vs Temperature
RT/SYNC Voltage vs Temperature
Shutdown Threshold and Minimum
Input Voltage vs Temperature
Shutdown Pin Currents vs
Temperature
Shutdown Quiescent Current vs
Temperature
Error Amplifier gm vs Temperature
Soft-Start Source Current vs
Temperature
Soft-Start Feedback Offset vs
Temperature
VC Switching Threshold vs
Temperature
TEMPERATURE (°C)
–50
0.800
FB
LFB
0.810
150
1939 G01
0.790
0.780
0
50
100
–25
25
75
125
0.820
0.795
0.805
0.785
0.815
TEMPERATURE (°C)
–50
0.90
0.92
0.96
0.98
1.00
1.10
1.04
0
50
75
1939 G02
0.94
1.06
1.08
1.02
–25
25
100 125
150
RRT/SYNC = 90.9k
RRT/SYNC = 15k
TEMPERATURE (°C)
–50
2.0
2.5
3.0
25
75
1939 G03
1.5
1.0
–25
0
50
100
150
125
0.5
0
MINIMUM INPUT VOLTAGE
SHUTDOWN THRESHOLD
TEMPERATURE (°C)
–50
0
1
2
3
4
050
100
150
1939 G04
5
6
–25
25
75
125
VSHDN = 0.7V
VSHDN = 0.9V
TEMPERATURE (°C)
–50
0
2.5
5.0
7.5
10.0
050
100
150
1939 G05
12.5
15.0
–25
25
75
125
TEMPERATURE (°C)
–50
100
150
200
250
300
050
100
150
1939 G06
350
400
–25
25
75
125
TEMPERATURE (°C)
–50
1.5
1.7
2.1
2.3
2.5
3.5
2.9
0
50
75
1939 G07
1.9
3.1
3.3
2.7
–25
25
100 125
150
TEMPERATURE (°C)
–50
50
75
100
125
150
LFB
FB
–25
0
25
50
1939 G08
75
100 125 150
TEMPERATURE (°C)
–50
0.50
0.55
0.65
0.70
0.75
50
0.95
1939 G09
0.60
0
–25
75
100
25
150
125
0.80
0.85
0.90


Similar Part No. - LT1939IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT1939 LINER-LT1939 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results

Similar Description - LT1939IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com