Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1939 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1939
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1939 Datasheet HTML 2Page - Linear Technology LT1939 Datasheet HTML 3Page - Linear Technology LT1939 Datasheet HTML 4Page - Linear Technology LT1939 Datasheet HTML 5Page - Linear Technology LT1939 Datasheet HTML 6Page - Linear Technology LT1939 Datasheet HTML 7Page - Linear Technology LT1939 Datasheet HTML 8Page - Linear Technology LT1939 Datasheet HTML 9Page - Linear Technology LT1939 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1939
6
1939f
TYPICAL PERFORMANCE CHARACTERISTICS
Boost Current vs Switch Current
Minimum Boost Voltages vs
Temperature
Minimum Input Voltage
LDRV Dropout Voltage vs
Temperature
Inductor Value for 2A Maximum
Load Current (VOUT = 3.3V,
IRIPPLE = 250mA)
VIN (Pin 1): The VIN pin powers the internal control circuitry
and is monitored by an undervoltage comparator. The VIN
pin is also connected to the collectors of the internal power
NPN switch and linear output NPN. The VIN pin has high
dI/dt edges and must be decoupled to ground close to
the pin of the device.
SHDN (Pin 2): The SHDN pin is used to shut down the
LT1939 and reduce quiescent current to a typical value
of 12μA. The accurate 0.76V threshold and input current
hysteresis can be used as an undervoltage lockout, prevent-
ing the regulator from operating until the input voltage has
reached a predetermined level. Force the SHDN pin above
its threshold or let it float for normal operation.
SS (Pin 3): The SS pin is used to control the slew rate
of the output of both the switching and linear regulators.
A single capacitor from the SS pin to ground determines
the regulators’ ramp rate. For soft-start details see the
Applications Information section.
Switcher Dropout Operation
SWITCH CURRENT (A)
0
30
40
50
1.6
1939 G19
20
10
25
35
45
15
5
0
0.4
0.2
0.8
0.6
1.2 1.4
1.8
1.0
2.0
150°C
25°C
–50°C
TEMPERATURE (°C)
–50
1.5
1.7
1.9
2.1
2.3
050
100
150
1939 G20
2.5
2.7
–25
25
75
125
MINIMUM BOOST FOR
SWITCH SATURATION
LOAD CURRENT (A)
0
8
7
6
5
4
3
2
1
0
1.6
1939 G21
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
VOUT1 = 5V
VOUT1 = 3.3V
FSW = 1MHz
L = 3.3μH
TEMPERATURE (°C)
–50
1.00
1.05
1.15
1.20
1.25
1.50
1.35
0
50
75
1939 G22
1.10
1.40
1.45
1.30
–25
25
100 125
150
ILDRV = 5mA
INPUT VOLTAGE (V)
2.5
0
1
2
3
4
6
3.0
3.5
4.0
4.5
1939 G23
5.0
5.5
5
IOUT1 = 1A
VOUT1 = 5V
VOUT1 = 3.3V
INPUT VOLTAGE (V)
5
250
500
1000
1250
1500
2500
1939 G24
750
15
10
20
25
1750
2000
2250
L = 3.3μH
L = 4.7μH
L = 6.8μH
L = 10μH
L = 1.5μH
L = 2.2μH
L = 1μH
PIN FUNCTIONS


Similar Part No. - LT1939

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT1939 LINER-LT1939 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results

Similar Description - LT1939

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com