Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1173-3.0VOA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC1173-3.0VOA
Description  300mA CMOS LDO with Shutdown, ERROR Output and Bypass
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1173-3.0VOA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1173-3.0VOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1173-3.0VOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
300mA CMOS LDO With Shutdown,
ERROR Output, And Bypass
TC1173
TC1173-2 2/2/00
TYPICAL CHARACTERISTICS
Output Noise
FREQUENCY (KHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50Ω
COUT = 1µF
0.012
0.010
0.008
0.004
0.002
0.000
–0.002
–0.004
0.006
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Line Regulation
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
50
100
150
200
250
300
LOAD CURRENT (mA)
Dropout Voltage vs. Load Current
Power Supply Rejection Ratio
FREQUENCY (KHz)
–30dB
–35dB
–40dB
–45dB
–50dB
–55dB
–60dB
–65dB
–70dB
–75dB
–80dB
100
1K
10K
10
1M
100K
VOUT = 5V
RLOAD = 50Ω
VINAC = 50mV p-p
COUT = 1µF
100.0
90.0
70.0
80.0
50.0
40.0
60.0
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Supply Current
2.00
1.80
1.60
1.20
1.00
0.80
0.60
0.40
0.20
0.00
1.40
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
Load Regulation
1 to 300mA
1 to 50mA
1 to 100mA
3.075
3.025
2.925
2.975
–40 –20
0
20
40
60
80 100 120
TEMPERATURE (
°C)
VOUT vs. Temperature
125
°C
85
°C
70
°C
25
°C
0
°C
–40
°C
VIN = 4V
ILOAD = 100µA
CLOAD = 3.3µF


Similar Part No. - TC1173-3.0VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1173-xxVOA MICROCHIP-TC1173-xxVOA Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1173-xxVUA MICROCHIP-TC1173-xxVUA Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
More results

Similar Description - TC1173-3.0VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com