Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1936IMS8E-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1936IMS8E-PBF
Description  1.4A, 500kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936IMS8E-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1936IMS8E-PBF Datasheet HTML 1Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 2Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 3Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 4Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 5Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 6Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 7Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 8Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1936
4
1936fd
INPUT VOLTAGE (V)
0
1.0
1.2
1.4
1.6
1.8
10
20
515
25
1936 G04
30
VOUT = 5V
L = 15μH
L = 10μH
INPUT VOLTAGE (V)
0
1.0
1.2
1.4
1.6
1.8
10
20
515
25
1936 G05
30
VOUT = 3.3V
L = 6.8μH
L = 10μH
SWITCH CURRENT (A)
0
0
100
200
300
400
600
0.5
1.0
1936 G06
1.5
500
TA = –45°C
TA = 85°C
TA = 25°C
TEMPERATURE (°C)
1.185
1.195
1.210
1936 G07
1.190
1.205
1.200
–50 –25
0
25
50
75
100
150
125
TEMPERATURE (°C)
–50
3.0
3.2
3.4
3.6
3.8
–25
0
25
50
1936 G08
75
100
150
125
TEMPERATURE (°C)
–50
400
450
500
550
600
–25
0
25
50
1936 G09
75
100
150
125
FB PIN VOLTAGE (V)
0
700
TA = 25°C
600
500
400
300
200
100
0
1936 G10
0.5
1.0
1.5
SHDN PIN VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25°C
DC = 30%
12
3
4
1936 G11
SHDN PIN VOLTAGE (V)
0
0
50
100
150
200
48
1936 G12
12
16
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Load Current
Maximum Load Current
Switch Voltage Drop
Feedback Voltage
Undervoltage Lockout
Switching Frequency
Frequency Foldback
Soft-Start
SHDN Pin Current


Similar Part No. - LT1936IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com