Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1933ES6 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1933ES6
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933ES6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1933ES6 Datasheet HTML 4Page - Linear Technology LT1933ES6 Datasheet HTML 5Page - Linear Technology LT1933ES6 Datasheet HTML 6Page - Linear Technology LT1933ES6 Datasheet HTML 7Page - Linear Technology LT1933ES6 Datasheet HTML 8Page - Linear Technology LT1933ES6 Datasheet HTML 9Page - Linear Technology LT1933ES6 Datasheet HTML 10Page - Linear Technology LT1933ES6 Datasheet HTML 11Page - Linear Technology LT1933ES6 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1933
8
1933fd
APPLICATIONS INFORMATION
Table 1.Inductor Vendors
Vendor
URL
Part Series
Inductance Range (μH)
Size (mm)
Coilcraft
www.coilcraft.com
D01608C
10 to 22
2.9 × 4.5 × 6.6
MSS5131
10 to 22
3.1 × 5.1 × 5.1
MSS6122
10 to 33
2.2 × 6.1 × 6.1
Sumida
www.sumida.com
CR43
10 to 22
3.5 × 4.3 × 4.8
CDRH4D28
10 to 33
3.0 × 5.0 × 5.0
CDRH5D28
22 to 47
3.0 × 5.7 × 5.7
Toko
www.toko.com
D52LC
10 to 22
2.0 × 5.0 × 5.0
D53LC
22 to 47
3.0 × 5.0 × 5.0
Würth Elektronik
www.we-online.com
WE-TPC MH
10 to 22
2.8 × 4.8 × 4.8
WE-PD4 S
10 to 22
2.9 × 4.5 × 6.6
WE-PD2 S
10 to 47
3.2 × 4.0 × 4.5
saturation current should be about 30% higher. For robust
operation in fault conditions the saturation current should
be ~1A. To keep efficiency high, the series resistance (DCR)
should be less than 0.2Ω. Table 1 lists several vendors
and types that are suitable.
Of course, such a simple design guide will not always re-
sult in the optimum inductor for your application. A larger
value provides a slightly higher maximum load current,
and will reduce the output voltage ripple. If your load is
lower than 500mA, then you can decrease the value of
the inductor and operate with higher ripple current. This
allows you to use a physically smaller inductor, or one
with a lower DCR resulting in higher efficiency. There are
several graphs in the Typical Performance Characteristics
section of this data sheet that show the maximum load
current as a function of input voltage and inductor value
for several popular output voltages. Low inductance may
result in discontinuous mode operation, which is OK, but
further reduces maximum load current. For details of
maximum output current and discontinuous mode opera-
tion, see Linear Technology Application Note 44. Finally,
for duty cycles greater than 50% (VOUT/VIN > 0.5), there
is a minimum inductance required to avoid subharmonic
oscillations. Choosing L greater than 3(VOUT + VD) μH
prevents subharmonic oscillations at all duty cycles.
Catch Diode
A 0.5A or 1A Schottky diode is recommended for the catch
diode, D1. The diode must have a reverse voltage rating
equal to or greater than the maximum input voltage. The
ON Semiconductor MBR0540 is a good choice; it is rated
for 0.5A forward current and a maximum reverse voltage
of 40V. The MBRM140 provides better efficiency, and will
handle extended overload conditions.
Input Capacitor
Bypass the input of the LT1933 circuit with a 2.2μF or
higher value ceramic capacitor of X7R or X5R type. Y5V
types have poor performance over temperature and ap-
plied voltage, and should not be used. A 2.2μF ceramic
is adequate to bypass the LT1933 and will easily handle
the ripple current. However, if the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT1933 and to force this very high frequency


Similar Part No. - LT1933ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933ES6 LINER-LT1933ES6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1933ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
   1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com