Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1933HDCB-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1933HDCB-TRPBF
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933HDCB-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1933HDCB-TRPBF Datasheet HTML 6Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 7Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 8Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 9Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 10Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 11Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 12Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 13Page - Linear Technology LT1933HDCB-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1933
10
1933fd
APPLICATIONS INFORMATION
Figure 1 shows the transient response of the LT1933 with
several output capacitor choices. The output is 3.3V. The
load current is stepped from 100mA to 400mA and back to
100mA, and the oscilloscope traces show the output volt-
age. The upper photo shows the recommended value. The
second photo shows the improved response (less voltage
drop) resulting from a larger output capacitor and a phase
lead capacitor. The last photo shows the response to a high
performance electrolytic capacitor. Transient performance
is improved due to the large output capacitance, but output
ripple (as shown by the broad trace) has increased because
of the higher ESR of this capacitor.
Figure 1. Transient Load Response of the LT1933 with Different
Output Capacitors as the Load Current is Stepped from 100mA
to 400mA. VIN = 12V, VOUT = 3.3V, L = 22μH.
22μF
FB
16.5k
10k
VOUT
1933 F01a
VOUT
50mV/DIV
IOUT
200mA/DIV
VOUT
50mV/DIV
IOUT
200mA/DIV
FB
VOUT
1933 F01b
16.5k
10k
22μF
2x
470pF
VOUT
50mV/DIV
IOUT
200mA/DIV
SANYO
4TPB100M
FB
1933 F01c
VOUT
+
16.5k
10k
100μF


Similar Part No. - LT1933HDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1933 LINER-LT1933 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933ES6 LINER-LT1933ES6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933IS6 LINER-LT1933IS6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1933HDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
   1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com