Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1935 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1935
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935 Datasheet(HTML) 3 Page - Linear Technology

  LT1935 Datasheet HTML 1Page - Linear Technology LT1935 Datasheet HTML 2Page - Linear Technology LT1935 Datasheet HTML 3Page - Linear Technology LT1935 Datasheet HTML 4Page - Linear Technology LT1935 Datasheet HTML 5Page - Linear Technology LT1935 Datasheet HTML 6Page - Linear Technology LT1935 Datasheet HTML 7Page - Linear Technology LT1935 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1935
1935f
1.28
1.27
1.26
1.25
1.24
1935 G01
TEMPERATURE (°C)
–50
100
1935 G02
050
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–25
25
75
125
TEMPERATURE (°C)
–50
100
050
–25
25
75
125
TEMPERATURE (°C)
–50
2.4
2.3
2.2
2.1
2.0
1.9
1.8
25
75
1935 G03
–25
0
50
100
125
DUTY CYCLE (%)
0
2
3
80
1935 G04
1
0
20
40
60
100
4
SWITCH CURRENT (A)
0
400
300
200
100
0
0.5
1.0
1.5
2.0
1935 G05
2.5
3.0
SHDN VOLTAGE (V)
0
2
3
2.0
1935 G06
1
0
0.5
1.0
1.5
4
SHDN PIN VOLTAGE (V)
2
0
1935 G07
6
10
14
80
60
40
20
0
48
12
16
FEEDBACK VOLTAGE (V)
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.6
1.0
1935 G08
0.2
0.4
0.8
1.2
1.4
TA = 25°C
TA = 25°C
TA = 25°C
TA = 25°C
TA = 85°C
50% DUTY CYCLE
TA = 25°C
TYP
MIN
TYPICAL PERFOR A CE CHARACTERISTICS
FB Pin Voltage
Oscillator Frequency
Undervoltage Lockout
Current Limit
Switch Saturation Voltage
Peak Switch Current vs SHDN Pin
Voltage (Soft-Start)
SHDN Pin Current
Frequency Foldback


Similar Part No. - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1935 LINER-LT1935 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935ES5 LINEAR-LT1935ES5 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results

Similar Description - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com