Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAW56S
Description  High-Speed Double Diode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAW56S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAW56S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAW56S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAW56S
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Max
Unit
IF = 1 m A
715
IF = 10 m A
855
IF =50m A
1
IF = 150 m A
1.25
VR =25V
30
nA
VR =75V
1
A
VR =25V; Tj = 150
30
A
VR =75V; Tj = 150
50
A
diode capacitance
Cd
VR = 0;f= 1 MHz;
2
pF
when switched from IF =10m A toIR =10m A;
RL = 100
; m easured at IR =1m A;
forward recovery voltage
Vfr
when switched from IF =10m A; tr =20ns
1.75
V
mV
forward voltage
VF
reverse current
IR
reverse recovery tim e
trr
4ns
Marking
Marking
A1t


Similar Part No. - BAW56S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW56S PHILIPS-BAW56S Datasheet
74Kb / 12P
   High-speed double diode array
1997 Oct 21
logo
Siemens Semiconductor G...
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
128Kb / 8P
   Silicon Switching Diode
Jun-03-2003
logo
NXP Semiconductors
BAW56S NXP-BAW56S Datasheet
115Kb / 15P
   High-speed switching diodes
Rev. 05-26 November 2007
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results

Similar Description - BAW56S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV70S PHILIPS-BAV70S Datasheet
74Kb / 12P
   High-speed double diode array
1997 Oct 21
BAW56S PHILIPS-BAW56S Datasheet
74Kb / 12P
   High-speed double diode array
1997 Oct 21
logo
Guangdong Kexin Industr...
BAV70S KEXIN-BAV70S Datasheet
41Kb / 2P
   High-Speed Double Diode Array
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com