Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1791AHS-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LT1791AHS-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791AHS-TR Datasheet(HTML) 5 Page - Linear Technology

  LT1791AHS-TR Datasheet HTML 1Page - Linear Technology LT1791AHS-TR Datasheet HTML 2Page - Linear Technology LT1791AHS-TR Datasheet HTML 3Page - Linear Technology LT1791AHS-TR Datasheet HTML 4Page - Linear Technology LT1791AHS-TR Datasheet HTML 5Page - Linear Technology LT1791AHS-TR Datasheet HTML 6Page - Linear Technology LT1791AHS-TR Datasheet HTML 7Page - Linear Technology LT1791AHS-TR Datasheet HTML 8Page - Linear Technology LT1791AHS-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
5
178491fb
SWITCHING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
Figures 3, 5
l
700
2000
ns
tPHL
Driver Input to Output
Figures 3, 5
l
700
2000
ns
tSKEW
Driver Output to Output
Figures 3, 5
100
ns
tr, tf
Driver Rise or Fall Time
Figures 3, 5
l
200
800
2000
ns
tZH
Driver Enable to Output High
Figures 4, 6
l
500
3000
ns
tZL
Driver Enable to Output Low
Figures 4, 6
l
800
3000
ns
tLZ
Driver Disable Time from Low
Figures 4, 6
l
200
5000
ns
tHZ
Driver Disable Time from High
Figures 4, 6
l
800
5000
ns
tPLH
Receiver Input to Output
Figures 3, 7
l
400
900
ns
tPHL
Receiver Input to Output
Figures 3, 7
l
400
900
ns
tSKD
Differential Receiver Skew
200
ns
tZL
Receiver Enable to Output Low
Figures 2, 8
l
300
1000
ns
tZH
Receiver Enable to Output High
Figures 2, 8
l
300
1000
ns
tLZ
Receiver Disable from Low
Figures 2, 8
l
400
1000
ns
tHZ
Receiver Disable from High
Figures 2, 8
l
400
1000
ns
fMAX
Maximum Data Rate
l
250
kbps
tSHDN
Time to Shut Down
Figures 2, 6, 8
3
μs
tZH(SHDN)
Driver Enable from Shutdown to Output High
Figures 2, 6; RE = 5V
12
μs
tZL(SHDN)
Driver Enable from Shutdown to Output Low
Figures 2, 6; RE = 5V
12
μs
tZH(SHDN)
Receiver Enable from Shutdown to Output High
Figures 2, 8; DE = 0V
4
μs
tZL(SHDN)
Receiver Enable from Shutdown to Output Low
Figures 2, 8; DE = 0V
4
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.


Similar Part No. - LT1791AHS-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791AC LINER-LT1791AC Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACN LINER-LT1791ACN Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791ACS LINER-LT1791ACS Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1791AHS-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com