Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1785AHN8-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LT1785AHN8-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785AHN8-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1785AHN8-TR Datasheet HTML 3Page - Linear Technology LT1785AHN8-TR Datasheet HTML 4Page - Linear Technology LT1785AHN8-TR Datasheet HTML 5Page - Linear Technology LT1785AHN8-TR Datasheet HTML 6Page - Linear Technology LT1785AHN8-TR Datasheet HTML 7Page - Linear Technology LT1785AHN8-TR Datasheet HTML 8Page - Linear Technology LT1785AHN8-TR Datasheet HTML 9Page - Linear Technology LT1785AHN8-TR Datasheet HTML 10Page - Linear Technology LT1785AHN8-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
7
178491fb
PIN FUNCTIONS
RO: Receiver Output. TTL level logic output. If the receiver
is active (RE pin low), RO is high if receiver input A ≥ B
by 200mV. If A ≤ B by 200mV, then RO will be low. RO
assumes a high impedance output state when RE is high
or the part is powered off. RO is protected from output
shorts from ground to 6V.
RE: Receiver Output Enable. TTL level logic input. A logic
low on RE enables normal operation of the receiver output
RO. A logic high level at RE places the receiver output pin
RO into a high impedance state. If receiver enable RE and
driver enable DE are both in the disable state, the circuit-
goes to a low power shutdown state. Placing either RE or
DE into its active state brings the circuit out of shutdown.
Shutdown state is not entered until a 3μs delay after both
RE and DE are disabled, allowing for logic skews in tog-
gling between transmit and receive modes of operation.
For CAN bus applications, RE should be tied low to prevent
the circuit from entering shutdown.
DE: Driver Output Enable. TTL level logic input. A logic
high on DE enables normal operation of the driver out-
puts (Y and Z on LT1791, A and B on LT1785). A logic
low level at DE places the driver output pins into a high
impedance state. If receiver enable RE and driver enable
DE are both in the disable state, the circuit goes to a low
power shutdown state. Placing either RE or DE into its
active state brings the circuit out of shutdown. Shutdown
state is not entered until a 3μs delay after both RE and DE
are disabled, allowing for logic skews in toggling between
transmit and receive modes of operation. For CAN bus
operation the DE pin is used for signal input to place the
data bus in dominant or recessive states.
DI: Driver Input. TTL level logic input. A logic high at DI
causes driver output A or Y to a high state, and output B
or Z to a low state. Complementary output states occur for
DI low. For CAN bus applications DI should be tied low.
GND: Ground.
Y: Driver Output. The Y driver output is in phase with the
driver input DI. In the LT1785 driver output Y is internally
connected to receiver input A. The driver output assumes
a high impedance state when DE is low, power is off or
thermal shutdown is activated. The driver output is pro-
tected from shorts between ±60V in both active and high
impedance modes. For CAN applications, output Y is the
CANL output node.
Z: Driver Output. The Z driver output is opposite in phase
to the driver input DI. In the LT1785 driver output Z is
internally connected to receiver input B. The driver output
assumes a high impedance state when DE is low, power
is off or thermal shutdown is activated. The driver output
is protected from shorts between ±60V in both active and
high impedance modes. For CAN applications, output Z is
the CANH output node.
A: Receiver Input. The A receiver input forces a high receiver
output when V(A) ≥ [V(B) + 200mV]. V(A) ≤ [V(B)– 200mV]
forces a receiver output low. Receiver inputs A and B are
protected against voltage faults between ±60V. The high
input impedance allows up to 128 LT1785 or LT1791
transceivers on one RS485 data bus.
The LT1785A/LT1791A have guaranteed receiver input
thresholds –200mV < VTH < 0. Receiver outputs are
guaranteed to be in a high state for 0V inputs.
B: Receiver Input. The B receiver input forces a high
receiver output when V(A) ≥ [V(B) + 200mV]. When
V(A) ≤ [V(B) – 200mV], the B receiver forces a receiver
output low. Receiver inputs A and B are protected against
voltage faults between ±60V. The high input impedance
allows up to 128 LT1785 or LT1791 transceivers on one
RS485 data bus.
The LT1785A/LT1791A have guaranteed receiver input-
thresholds –200mV < VTH < 0. Receiver outputs are
guaranteed to be in a high state for 0V inputs.
VCC: Positive Supply Input. For RS422 or RS485 operation,
4.75V ≤ VCC ≤ 5.25V. Higher VCC input voltages increase
output drive swing. VCC should be decoupled with a 0.1μF
low ESR capacitor directly at Pin 8 (VCC).


Similar Part No. - LT1785AHN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785A LINER-LT1785A Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785AC LINER-LT1785AC Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785ACN8 LINER-LT1785ACN8 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785ACS8 LINER-LT1785ACS8 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1785AHN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com