Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIS30F10AP024-2M Datasheet(PDF) 1 Page - Altech corporation

Part # AIS30F10AP024-2M
Description  AIS08F1.5AP024-2M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

AIS30F10AP024-2M Datasheet(HTML) 1 Page - Altech corporation

  AIS30F10AP024-2M Datasheet HTML 1Page - Altech corporation AIS30F10AP024-2M Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www .altechme xico .com
28
Sensores Cilíndricos, Detección de Proximidad Inductiva
Características:
• Cuerpo metalico de niquel-plateado
(M12-M30) y acero inoxidable (M8)
• Protección contra corto
circuito y sobrecargas
• Protección contra interferencia
• Grado de protección IP67
• Corriente de Salida: 200-250mA
Tipos:
• 2 hilos Modelos de CA y CD
• 3 hilos Modelos de CD
• “Cuerpo corto” 3 hilos Modelos de CD
• 8, 12, 18, 30mm
Cuerda
Montaje
Lógica
Alcance
Tensión de
Frecuencia
longitud
Código
del cuerpo
Nominal
Alimentación
del cuerpo
(mm)
(mm)
(mm)
Cuerpo Estandar, 3 hilos, Modelos CD, precableado 2m
AIS08F1.5AP024-2M
M8
RASANTE
PNP-NO
1.5
10-30V CD
2000
50
AIS08F1.5AN024-2M
M8
RASANTE
NPN-NO
1.5
10-30V CD
2000
50
AIS12F02AP024-2M
M12
RASANTE
PNP-NO
2
10-30V CD
1000
80
AIS12F02AN024-2M
M12
RASANTE
NPN-NO
2
10-30V CD
1000
80
AIS12N04AP024-2M
M12
NO RASANTE
PNP-NO
4
10-30V CD
1000
80
AIS12N04AN024-2M
M12
NO RASANTE
NPN-NO
4
10-30V CD
1000
80
AIS12F04AP024-2M
M12
RASANTE
PNP-NO
4
10-30V CD
1000
80
AIS12F04AN024-2M
M12
RASANTE
NPN-NO
4
10-30V CD
1000
80
AIS18F05AP024-2M
M18
RASANTE
PNP-NO
5
10-30V CD
500
100
AIS18F05AN024-2M
M18
RASANTE
NPN-NO
5
10-30V CD
500
100
AIS18N08AP024-2M
M18
NO RASANTE
PNP-NO
8
10-30V CD
500
100
AIS18N08AN024-2M
M18
NO RASANTE
NPN-NO
8
10-30V CD
500
100
AIS18F08AP024-2M
M18
RASANTE
PNP-NO
8
10-30V CD
500
100
AIS18F08AN024-2M
M18
RASANTE
NPN-NO
8
10-30V CD
500
100
AIS30F10AP024-2M
M30
RASANTE
PNP-NO
10
10-30V CD
300
100
AIS30F10AN024-2M
M30
RASANTE
NPN-NO
10
10-30V CD
300
100
AIS30N15AP024-2M
M30
NO RASANTE
PNP-NO
15
10-30V CD
300
100
AIS30N15AN024-2M
M30
NO RASANTE
NPN-NO
15
10-30V CD
300
100
Cuerpo Estandar, 3 pin, Modelos CD, Conexión M12
AIS08F1.5AP024-Q65
M8
RASANTE
PNP-NO
1.5
10-30V CD
2000
72
AIS08F1.5AN024-Q65
M8
RASANTE
NPN-NO
1.5
10-30V CD
2000
72
AIS12F02AP024-Q65
M12
RASANTE
PNP-NO
2
10-30V CD
1000
70
AIS12F02AN024-Q65
M12
RASANTE
NPN-NO
2
10-30V CD
1000
70
AIS12N04AP024-Q65
M12
NO RASANTE
PNP-NO
4
10-30V CD
1000
70
AIS12N04AN024-Q65
M12
NO RASANTE
NPN-NO
4
10-30V CD
1000
70
AIS12F04AP024-Q65
M12
RASANTE
PNP-NO
4
10-30V CD
1000
70
AIS12F04AN024-Q65
M12
RASANTE
NPN-NO
4
10-30V CD
1000
70
AIS18F05AP024-Q65
M18
RASANTE
PNP-NO
5
10-30V CD
500
80
AIS18F05AN024-Q65
M18
RASANTE
NPN-NO
5
10-30V CD
500
80
AIS18N08AP024-Q65
M18
NO RASANTE
PNP-NO
8
10-30V CD
500
80
AIS18N08AN024-Q65
M18
NO RASANTE
NPN-NO
8
10-30V CD
500
80
AIS18F08AP024-Q65
M18
RASANTE
PNP-NO
8
10-30V CD
500
80
AIS18F08AN024-Q65
M18
RASANTE
NPN-NO
8
10-30V CD
500
80
AIS30F10AP024-Q65
M30
RASANTE
PNP-NO
10
10-30V CD
300
80
AIS30F10AN024-Q65
M30
RASANTE
NPN-NO
10
10-30V CD
300
80
AIS30N15AP024-Q65
M30
NO RASANTE
PNP-NO
15
10-30V CD
300
80
AIS30N15AN024-Q65
M30
NO RASANTE
NPN-NO
15
10-30V CD
300
80
Cuerpo Estandar, 2 hilos, Modelos CD, precableado 2m
AIS12F02AD024-2M
M12
RASANTE
BIPOLAR-NO
2
10-30V CD
400
80
AIS12F02RD024-2M
M12
RASANTE
BIPOLAR-NC
2
10-30V CD
400
80
AIS12N04AD024-2M
M12
NO RASANTE
BIPOLAR-NO
4
10-30V CD
400
80
AIS12N04RD024-2M
M12
NO RASANTE
BIPOLAR-NC
4
10-30V CD
400
80
AIS18F05AD024-2M
M18
RASANTE
BIPOLAR-NO
5
10-30V CD
200
100
AIS18F05RD024-2M
M18
RASANTE
BIPOLAR-NC
5
10-30V CD
200
100
AIS18N08AD024-2M
M18
NO RASANTE
BIPOLAR-NO
8
10-30V CD
200
100
AIS18N08RD024-2M
M18
NO RASANTE
BIPOLAR-NC
8
10-30V CD
200
100
IP67


Similar Part No. - AIS30F10AP024-2M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS326DQTR STMICROELECTRONICS-AIS326DQTR Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
AIS328DQTR STMICROELECTRONICS-AIS328DQTR Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
More results

Similar Description - AIS30F10AP024-2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RYC8220-2M ETC-RYC8220-2M Datasheet
155Kb / 2P
   RYC8220-2M
logo
Carling Technologies
2M1-SP1-T1-B1-M2QE CARLINGTECH-2M1-SP1-T1-B1-M2QE Datasheet
4Mb / 14P
   2M-Series
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
   2M CMI Transceiver
logo
ATGBICS by Approved Tec...
XAOCBL-2M-C ATGBICS-XAOCBL-2M-C Datasheet
397Kb / 6P
   XAOCBL-2M Intel Compatible Active Optical Cable 10G SFP (2m)
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
logo
Leopard Imaging Inc.
LI-DS5-OV9281-ST LEOPARD-LI-DS5-OV9281-ST Datasheet
475Kb / 3P
   2M USB M6 Camera
logo
Sharp Corporation
ID340D01 SHARP-ID340D01 Datasheet
1Mb / 33P
   Flash Miniature Card 2M
logo
List of Unclassifed Man...
GS820E32T ETC1-GS820E32T Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
Leopard Imaging Inc.
LI-OV2640-USB-M6 LEOPARD-LI-OV2640-USB-M6 Datasheet
480Kb / 2P
   2M USB M6 Camera
logo
Everspin Technologies I...
MR5A16A EVERSPIN-MR5A16A Datasheet
1Mb / 18P
   2M x 16 MRAM
Rev v1.0 11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com