Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1785CS8-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1785CS8-TR
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785CS8-TR Datasheet(HTML) 4 Page - Linear Technology

  LT1785CS8-TR Datasheet HTML 1Page - Linear Technology LT1785CS8-TR Datasheet HTML 2Page - Linear Technology LT1785CS8-TR Datasheet HTML 3Page - Linear Technology LT1785CS8-TR Datasheet HTML 4Page - Linear Technology LT1785CS8-TR Datasheet HTML 5Page - Linear Technology LT1785CS8-TR Datasheet HTML 6Page - Linear Technology LT1785CS8-TR Datasheet HTML 7Page - Linear Technology LT1785CS8-TR Datasheet HTML 8Page - Linear Technology LT1785CS8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
4
178591fb
DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
l
4.1
5
V
VOD2
Differential Driver Output Voltage (With Load)
R = 50Ω (RS422), Figure 1
R = 27Ω (RS485), Figure 1
R = 18Ω
l
l
l
2.0
1.5
1.2
2.70
2.45
2.2
V
V
V
VOD
Change in Magnitude of Driver Differential Output
Voltage for Complementary Output States
R = 27Ω or R = 50Ω, Figure 1
l
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27Ω or R = 50Ω, Figure 1
l
2
2.5
3
V
Δ|VOC|
Change in Magnitude of Driver Common Mode Output
Voltage for Complementary Output States
R = 27Ω or R = 50Ω, Figure 1
l
0.2
V
VIH
Input High Voltage
DI, DE, RE
l
2V
VIL
Input Low Voltage
DI, DE, RE
l
0.8
V
IIN1
Input Current
DI, DE, RE
l
5μA
IIN2
Input Current (A, B); (LT1791 or LT1785 with DE = 0V)
VIN = 12V
VIN = –7V
–60V ≤ VIN ≤ 60V
l
l
l
–0.15
–6
0.15
–0.08
0.3
6
mA
mA
mA
VTH
Differential Input Threshold Voltage for Receiver
LT1785/LT1791: –7V ≤ VCM ≤ 12V
LT1785A/LT1791A: –7V ≤ VCM ≤ 12V
l
l
–0.2
–0.2
0.2
0
V
V
ΔVTH
Receiver Input Hysteresis
–7V < VCM < 12V
20
mV
VOH
Receiver Output High Voltage
IO = –400μA, VID = 200mV
l
3.5
4
V
VOL
Receiver Output Low Voltage
IO = 1.6mA, VID = –200mV
l
0.3
0.5
V
Three-State (High Impedance) Output Current at
Receiver 0V < VOUT < 6V
RE > 2V or Power Off
l
–1
1
μA
RIN
Receiver Input Resistance (LT1791)
–7V ≤ VCM ≤ 12V
– 60V ≤ VCM ≤ 60V
l
85
125
125
LT1785
–7V ≤ VCM ≤ 12V
l
50
90
RS485 Unit Load
0.25
ISC
Driver Short-Circuit Current
VOUT = HIGH, Force VO = –7V
VOUT = LOW, Force VO = 12V
l
l
35
35
250
250
mA
mA
Driver Output Fault Current
VO = 60V
VO = –60V
l
l
–6
6mA
mA
Receiver Short-Circuit Current
0V ≤ VO ≤ VCC
l
±35
mA
Driver Three-State Output Current
–7V ≤ VO ≤ 12V
–60V ≤ VO ≤ 60V
l
l
–0.2
–6
0.3
6
mA
mA
ICC
Supply Current
No Load, RE = 0V, DE = 5V
No Load, RE = 5V, DE = 5V
No Load, RE = 0V, DE = 0V
No Load, RE = 5V, DE = 0V
l
l
l
l
5.5
5.5
4.5
0.2
9
9
8
0.3
mA
mA
mA
mA


Similar Part No. - LT1785CS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785CS8 LINER-LT1785CS8 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1785CS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com