Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC05ACOA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC05ACOA
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC05ACOA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC05ACOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC05ACOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC05ACOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC05ACOA Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-7
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
RESPONSE TIME TEST CIRCUIT
TYPICAL APPLICATIONS
+15V
180 k
0.1 µF
2.5V
TC05
60 k
50 k
3
2
7
6
4
VOUT = 10V
+
TC911
+15V
TC04
1µF
R SET
81 k
2
3
7
6
4
I OUT =
1.25V
R SET
+
TC911
+9V
TC04
1.25V
360 k
Battery Powered 1.25V Reference
Precision Current Source
10V Reference
TC04
TC05
OUTPUT
INPUT
36 k
LOW POWER, BANDGAP
VOLTAGE REFERENCES
TC04A
TC04B
TC05A
TC05B


Similar Part No. - TC05ACOA

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TC0502 PREMO-TC0502 Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-04000J PREMO-TC0502-04000J Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-04000J PREMO-TC0502-04000J Datasheet
68Kb / 1P
   SMD Telecoil 5.1x2.3x2.6 mm
TC0502-14000J PREMO-TC0502-14000J Datasheet
180Kb / 1P
   SMD Telecoil 5.1x2.3x.2.4mm
TC0502-14000J PREMO-TC0502-14000J Datasheet
68Kb / 1P
   SMD Telecoil 5.1x2.3x2.6 mm
More results

Similar Description - TC05ACOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com