Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1791HS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1791HS
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791HS Datasheet(HTML) 2 Page - Linear Technology

  LT1791HS Datasheet HTML 1Page - Linear Technology LT1791HS Datasheet HTML 2Page - Linear Technology LT1791HS Datasheet HTML 3Page - Linear Technology LT1791HS Datasheet HTML 4Page - Linear Technology LT1791HS Datasheet HTML 5Page - Linear Technology LT1791HS Datasheet HTML 6Page - Linear Technology LT1791HS Datasheet HTML 7Page - Linear Technology LT1791HS Datasheet HTML 8Page - Linear Technology LT1791HS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
2
178591fb
ABSOLUTE MAXIMUM RATINGS (Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D
RO
RE
DE
DI
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
R
D
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1785CN8#PBF
LT1785CN8#TRPBF
1785
8-Lead PDIP
0°C to 70°C
LT1785CS8#PBF
LT1785CS8#TRPBF
1785
8-Lead Plastic SO
0°C to 70°C
LT1785IN8#PBF
LT1785IN8#TRPBF
1785I
8-Lead PDIP
–40°C to 85°C
LT1785IS8#PBF
LT1785IS8#TRPBF
1785I
8-Lead Plastic SO
–40°C to 85°C
LT1785ACN8#PBF
LT1785ACN8#TRPBF
1785A
8-Lead PDIP
0°C to 70°C
LT1785ACS8#PBF
LT1785ACS8#TRPBF
1785A
8-Lead Plastic SO
0°C to 70°C
LT1785AIN8#PBF
LT1785AIN8#TRPBF
1785AI
8-Lead PDIP
–40°C to 85°C
LT1785AIS8#PBF
LT1785AIS8#TRPBF
1785AI
8-Lead Plastic SO
–40°C to 85°C
LT1785HN8#PBF
LT1785HN8#TRPBF
1785H
8-Lead PDIP
–40°C to 125°C
LT1785HS8#PBF
LT1785HS8#TRPBF
1785H
8-Lead Plastic SO
–40°C to 125°C
LT1785AHN8#PBF
LT1785AHN8#TRPBF
1785AH
8-Lead PDIP
–40°C to 125°C
LT1785AHS8#PBF
LT1785AHS8#TRPBF
1785AH
8-Lead Plastic SO
–40°C to 125°C
LT1791CN#PBF
LT1791CN#TRPBF
1791
14-Lead PDIP
0°C to 70°C
LT1791CS#PBF
LT1791CS#TRPBF
1791
14-Lead Plastic SO
0°C to 70°C
Supply Voltage (VCC) ................................................18V
Receiver Enable Input Voltage...................... –0.3V to 6V
Driver Enable Input Voltage.......................... –0.3V to 6V
Driver Input Voltage ................................... –0.3V to 18V
Receiver Input Voltage ................................ –60V to 60V
Driver Output Voltage.................................. –60V to 60V
Receiver Output Voltage................... –0.3V to (VCC + 6V)
Operating Temperature Range
LT1785C/LT1791C/
LT1785AC/LT1791AC.................................... 0°C to 70°C
LT1785I/LT1791I/
LT1785AI/LT1791AI.................................. –40°C to 85°C
LT1785H/LT1791H/
LT1785AH/LT1791AH ............................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C


Similar Part No. - LT1791HS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791 LINER-LT1791 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LT1791 LINER-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LT1791 AD-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LT1791 AD-LT1791 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Similar Description - LT1791HS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com