Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT43W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT43W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT43W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT43W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT43W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT42W/BAT42W
Features
Low Forward Voltage Drop
Fast Switching Time
Surface Mount Package Ideally Suited for Automatic Insertion
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
Working Peak Reverse Voltage
VRWM
30
V
DC Blocking Voltage
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current (Note 1)
IFM
500
mA
Repetitive Peak Forward Current (Note 1)
@ t < 1.0s
IFRM
200
mA
Non-Repetitive Peak Forward Surge Current @ t < 10ms
IFSM
4A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RèJA
500
/W
Operating and Storage Temperature Range
Tj ,TSTG
-55to+150
Note 1
1. Part mounted on FR-4 board with recommended pad layout
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05


Similar Part No. - BAT43W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Sangdest Microelectroni...
BAT43W SMC-BAT43W Datasheet
179Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Tak Cheong Electronics ...
BAT43W TAK_CHEONG-BAT43W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
SHENZHEN SLS TECHNOLOGY...
BAT43W SHENZHENSLS-BAT43W Datasheet
347Kb / 2P
   Plastic-Encapsulate Diodes
logo
Micro Commercial Compon...
BAT43W MCC-BAT43W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
More results

Similar Description - BAT43W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com