Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1812CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1812CS8
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1812CS8 Datasheet HTML 1Page - Linear Technology LT1812CS8 Datasheet HTML 2Page - Linear Technology LT1812CS8 Datasheet HTML 3Page - Linear Technology LT1812CS8 Datasheet HTML 4Page - Linear Technology LT1812CS8 Datasheet HTML 5Page - Linear Technology LT1812CS8 Datasheet HTML 6Page - Linear Technology LT1812CS8 Datasheet HTML 7Page - Linear Technology LT1812CS8 Datasheet HTML 8Page - Linear Technology LT1812CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1812
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FPBW
Full Power Bandwidth
3V Peak (Note 6)
40
MHz
GBW
Gain Bandwidth Product
f = 200kHz
75
100
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tPD
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
2.8
ns
ts
Settling Time
5V Step, 0.1%, AV = – 1
30
ns
THD
Total Harmonic Distortion
f = 1MHz, VOUT = 2VP-P, AV = 2, RL = 500Ω
–76
dB
Differential Gain
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.12
%
Differential Phase
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.07
DEG
ROUT
Output Resistance
AV = 1, f = 1MHz
0.4
ISHDN
SHDN Pin Current
SHDN > V + 2.0V (On) (Note 11)
0
±1
µA
SHDN < V + 0.4V (Off) (Note 11)
–100
– 50
µA
IS
Supply Current
SHDN > V+ 2.0V (On) (Note 11)
3
3.6
mA
SHDN < V + 0.4V (Off) (Note 11)
50
100
µA
TA = 25°C, VS = ±5V, VCM = 0V unless otherwise noted (Note 10).
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.5
2.0
mV
IOS
Input Offset Current
30
400
nA
IB
Input Bias Current
– 1.0
±4
µA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
10
M
Differential
1.5
M
CIN
Input Capacitance
2pF
VCM
Input Voltage Range (Positive)
3.5
4
V
Input Voltage Range (Negative)
1
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
73
82
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
1.0
2.0
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
0.7
1.5
V/mV
VOUT
Maximum Output Swing (Positive)
RL = 500Ω, 30mV Overdrive
3.9
4.1
V
RL = 100Ω, 30mV Overdrive
3.7
3.9
V
Maximum Output Swing (Negative)
RL = 500Ω, 30mV Overdrive
0.9
1.1
V
RL = 100Ω, 30mV Overdrive
1.1
1.3
V
IOUT
Maximum Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
±25
±40
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±55
±80
mA
SR
Slew Rate
AV = – 1 (Note 5)
200
350
V/
µs
FPBW
Full Power Bandwidth
1V Peak (Note 6)
55
MHz
GBW
Gain Bandwidth Product
f = 200kHz
65
94
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2.1
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tPD
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
3ns
ts
Settling Time
2V Step, 0.1%, AV = – 1
30
ns
THD
Total Harmonic Distortion
f = 1MHz, VOUT = 2VP-P, AV = 2, RL = 500Ω
–75
dB
Differential Gain
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.22
%
Differential Phase
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.21
DEG
TA = 25°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted (Note 10).


Similar Part No. - LT1812CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812CS8 LINER-LT1812CS8 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
More results

Similar Description - LT1812CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com