Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1809 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1809
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1809_1 Datasheet HTML 3Page - Linear Technology LT1809_1 Datasheet HTML 4Page - Linear Technology LT1809_1 Datasheet HTML 5Page - Linear Technology LT1809_1 Datasheet HTML 6Page - Linear Technology LT1809_1 Datasheet HTML 7Page - Linear Technology LT1809_1 Datasheet HTML 8Page - Linear Technology LT1809_1 Datasheet HTML 9Page - Linear Technology LT1809_1 Datasheet HTML 10Page - Linear Technology LT1809_1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LT1809/LT1810
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = ±5V, VSHDN = open, VCM = 0V, VOUT = 0, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current
±55
±85
mA
IS
Supply Current per Amplifier
15
20
mA
Supply Current, Shutdown
VSHDN = 0.3V
0.6
1.3
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
420
750
µA
Output Leakage Current, Shutdown
VSHDN = 0.3V
0.1
75
µA
VL
SHDN Pin Input Voltage Low
0.3
V
VH
SHDN Pin Input Voltage High
V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
110
180
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
175
350
V/
µs
Measured at VO = ±3V
FPBW
Full Power Bandwidth
VOUT = 8VP-P
14
MHz
THD
Total Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
– 90
dB
tS
Settling Time
0.1%, VSTEP = 8V, AV = – 1, RL = 500Ω
34
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 150Ω
0.01
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 150Ω
0.01
Deg
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V + LT1809 SO-8
q
1
3.25
mV
VCM = V LT1809 SO-8
q
1
3.25
mV
VCM = V +
q
1
3.75
mV
VCM = V
q
1
3.75
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V +
q
10
25
µV/°C
VCM = V
q
10
25
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
to V+ LT1809 SO-8
q
0.5
2.75
mV
VCM = V to V +
q
0.5
3.25
mV
Input Offset Voltage Match (Channel-to-Channel)
VCM = V to V +
q
1.2
6.5
mV
(Note 10)
IB
Input Bias Current
VCM = V + – 0.2V
q
2.5
12.5
µA
VCM = V + 0.4V
q
– 37.5
–15
µA
∆IB
Input Bias Current Shift
VCM = V + 0.4V to V + – 0.2V
q
17.5
50
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V + – 0.2V
q
0.1
6
µA
(Note 10)
VCM = V
+ 0.4V
q
0.5
12
µA
IOS
Input Offset Current
VCM = V
+ – 0.2V
q
0.06
2.25
µA
VCM = V + 0.4V
q
0.5
6
µA
∆IOS
Input Offset Current Shift
VCM = V + 0.4V to V + – 0.2V
q
0.56
8.25
µA
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
q
27
80
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
q
3.5
10
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V to V +
q
69
86
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V to V +
q
63
86
dB
Input Common Mode Range
q
V
V +
V
The q denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = ±5V, VSHDN = open, VCM = 0V,
VOUT = 0V, unless otherwise noted.


Similar Part No. - LT1809_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1809_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com