Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1802IS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1802IS
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1802IS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1802IS Datasheet HTML 4Page - Linear Technology LT1802IS Datasheet HTML 5Page - Linear Technology LT1802IS Datasheet HTML 6Page - Linear Technology LT1802IS Datasheet HTML 7Page - Linear Technology LT1802IS Datasheet HTML 8Page - Linear Technology LT1802IS Datasheet HTML 9Page - Linear Technology LT1802IS Datasheet HTML 10Page - Linear Technology LT1802IS Datasheet HTML 11Page - Linear Technology LT1802IS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1801/LT1802
18012fb
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the temperature range
of – 40
°C < TA < 85°C. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1801C/LT1801I and LT1802C/LT1802I are guaranteed
functional over the temperature range of – 40
°C to 85°C.
Note 5: The LT1801C/LT1802C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1801C/LT1802C are designed,
characterized and expected to meet specified performance from
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1801I/LT1802I are guaranteed to meet specified performance from
–40
°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Matching parameters are the difference between amplifiers A
and D and between B and C on the LT1802; between the two amplifiers
on the LT1801.
Note 10: Thermal resistance (
θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short traces
connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 4 of the SO-8 and MS8, Pin 11 of
the SO-14 or the underside metal of the DD package to a larger metal area
(VS– trace).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS TC
Input Offset Voltage Drift (Note 8)
1.5
5
µV/°C
IB
Input Bias Current
VCM = VS– + 1V
50
400
nA
VCM = VS
+ – 0.2V
450
2250
nA
Input Bias Current Match
VCM = VS
+ 1V
25
450
nA
(Channel-to-Channel) (Note 9)
VCM = VS+ – 0.2V
25
700
nA
IOS
Input Offset Current
VCM = VS– + 1V
25
350
nA
VCM = VS+ – 0.2V
25
350
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
12.5
55
V/mV
VO = –1V to 1V, RL = 100Ω
2
5
V/mV
CMRR
Common Mode Rejection Ratio
VCM = VS– to 3.5V
81
104
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = VS– to 3.5V
75
104
dB
Input Common Mode Range
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V
73
90
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V
67
90
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
20
100
mV
ISINK = 5mA
110
275
mV
ISINK = 10mA
180
400
mV
VOH
Output Voltage Swing High (Note 7)
No Load
30
110
mV
ISOURCE = 5mA
150
350
mV
ISOURCE = 10mA
300
700
mV
ISC
Short-Circuit Current
12.5
30
mA
IS
Supply Current per Amplifier
2.6
4.5
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
65
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
15
V/
µs
Measured at VO = ±2V


Similar Part No. - LT1802IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LT1802 AD-LT1802 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1802IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
   30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com