Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS10 Datasheet(PDF) 7 Page - Altech corporation

Part # HMS10
Description  MS016
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HMS10 Datasheet(HTML) 7 Page - Altech corporation

  HMS10 Datasheet HTML 1Page - Altech corporation HMS10 Datasheet HTML 2Page - Altech corporation HMS10 Datasheet HTML 3Page - Altech corporation HMS10 Datasheet HTML 4Page - Altech corporation HMS10 Datasheet HTML 5Page - Altech corporation HMS10 Datasheet HTML 6Page - Altech corporation HMS10 Datasheet HTML 7Page - Altech corporation HMS10 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Voltaje de línea
Código
50/60Hz
UA.24
24V CA
UA220
220V CA
UA240
240V CA
UA380
380V CA
UA415
415V CA
Paq. Std.: 1
Peso unitario: 70 gramos (0.16 lb.)
Ancho: 17.5mm (.689in.)
Accesorios
www .altechme xico .com
10
Voltaje
Max.
de Disparo/
Corriente
Código
Bobina
Bobina
FA12U
12V
1.3A
FA24U
24V
0.6A
FA48U
48-72V
0.2A
FA110U
110-240V
0.25-0.5A
FA110U
380-415V CA
0.8A
Paq. Std.: 1
Peso unitario: 120 gramos (0.27 lb.)
Ancho: 17.5mm (.689in.)
H11U
Contacto Auxiliar
1+N
3+N
Clasificación de contacto
Código
H11U
10A / 220V CA
3A / 110V CD
1A / 220V CD
Calibre de Conductor (max.)
4mm2 (12 AWG)
Previene el arranque inadvertido de los interruptores durante el
mantenimiento.
Código
EASS
Portacandado
Interruptores de Corriente de Falla a Tierra
Código
Corriente Nominal
Corriente de falla
FIW22.03
25A
30mA
FIW23.03
40A
30mA
Código
Corriente Nominal
Corriente de falla
FIW42.03
25A
30mA
FIW43.03
40A
30mA
FIW44.03
63A
30mA
UA
Disparador de Bajo Voltaje
FA
Disparador a Distancia
Nota: para una corriente de falla a tierra igual a 100mA o 300mA consulte a Altech.


Similar Part No. - HMS10

ManufacturerPart #DatasheetDescription
logo
LEM
HMS10-P LEM-HMS10-P Datasheet
918Kb / 6P
   Current Transducer
HMS10-P LEM-HMS10-P Datasheet
918Kb / 6P
   Current Transducer HMS 5..20-P
logo
TDK Electronics
HMS100-12 TDK-HMS100-12 Datasheet
154Kb / 1P
   AC-DC Power Supplies
HMS100-12-R TDK-HMS100-12-R Datasheet
154Kb / 1P
   AC-DC Power Supplies
HMS100-15 TDK-HMS100-15 Datasheet
154Kb / 1P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com