Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1785HS8-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1785HS8-PBF
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785HS8-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1785HS8-PBF Datasheet HTML 2Page - Linear Technology LT1785HS8-PBF Datasheet HTML 3Page - Linear Technology LT1785HS8-PBF Datasheet HTML 4Page - Linear Technology LT1785HS8-PBF Datasheet HTML 5Page - Linear Technology LT1785HS8-PBF Datasheet HTML 6Page - Linear Technology LT1785HS8-PBF Datasheet HTML 7Page - Linear Technology LT1785HS8-PBF Datasheet HTML 8Page - Linear Technology LT1785HS8-PBF Datasheet HTML 9Page - Linear Technology LT1785HS8-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
6
178591fb
TYPICAL PERFORMANCE CHARACTERISTICS
LT1785 Input Characteristics Pins
A or B; DE = RE = 0V
Supply Current vs Temperature
Receiver Propagation Delay
vs Differential Input Voltage
Driver Differential Output Voltage
vs Load Resistance
Driver Differential Output Voltage
vs Temperature
Receiver Propagation Delay
vs Temperature
Driver Propagation Delay
vs Temperature
LT1791 Driver Output Leakage
DE = 0V
LT1791 Receiver Input Current
vs VIN
LOAD RESISTANCE (Ω)
10
4
3
2
1
0
100
1k
178591 G01
TA = 25°C
TEMPERATURE (°C)
–40
3.0
2.5
2.0
1.5
1.0
0.5
0
0
40
60
178591 G02
–20
20
80
100
R = 27Ω
TEMPERATURE (°C)
–40
1000
800
600
400
200
0
0
40
60
178591 G03
–20
20
80
100
tPLH
tPHL
TEMPERATURE (°C)
–40
1000
900
800
700
600
500
400
300
200
100
0
0
40
60
178591 G04
–20
20
80
100
HL
LH
1mA/DIV
178591 G05
–60V
VIN
60V
200μA/DIV
178591 G06
–60V
VIN
60V
1mA/DIV
178591 G07
–60V
VA, VB
60V
TEMPERATURE (°C)
–40
7
6
5
4
3
2
1
0
0
40
60
178591 G08
–20
20
80
100
RECEIVER ONLY
STANDBY
DRIVER AND
RECEIVER ON
VIN DIFFERENTIAL (V)
0
700
600
500
400
300
200
100
0
178591 G09
2
5
1
34
HL VCM = 12V
HL VCM = –7V
LH VCM = –7V
LH VCM = 12V


Similar Part No. - LT1785HS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LT1785 LINER-LT1785 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LT1785 LINER-LT1785 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LT1785 AD-LT1785 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LT1785HS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com