Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC02VNB Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC02VNB
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC02VNB Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC02VNB Datasheet HTML 1Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 2Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 3Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 4Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 5Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 6Page - TelCom Semiconductor, Inc TC02VNB Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
TC02
TC03
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
PRELIMINARY INFORMATION
TC02/03-04 6/18/97
TAPING FORMS (Cont.)
Component Taping Orientation for TO-92
Mark
Face
Mark
Face
User Direction of Feed
User Direction of Feed
P
P
Standard Reel Component Orientation
for 713 or TR Suffix Device
Reverse Reel Component Orientation
for 723 or RT Suffix Device
Seal
Tape
Back
Tape
Seal
Tape
Back
Tape
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
Tape & Reel Specifications Table
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-92-3
18 mm
12.7 mm
2000
13


Similar Part No. - TC02VNB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0200A TAI-SAW-TC0200A Datasheet
317Kb / 4P
   SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0201A GOLLEDGE-TC0201A Datasheet
79Kb / 4P
   433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
   SAW Resonator 315 MHz
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
More results

Similar Description - TC02VNB

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com