Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC03 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC03
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC03 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC03 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TC02
TC03
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
PRELIMINARY INFORMATION
TC02/03-04 6/18/97
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS *
Supply Voltage ............................................................ 15V
Input Voltage, Any Terminal .............. – 1.0 to (VCC +0.3V)
Operating Temperature (TC02) ............. – 20
°C to +125°C
Operating Temperature (TC03) ............. – 20
°C to +100°C
Storage Temperature ............................ – 55
°C to +150°C
Lead Temperature (Soldering, 10 sec)
SOT-23B-3 ..................................................... +260
°C
TO-92-3 .......................................................... +300
°C
ELECTRICAL CHARACTERISTICS : TA = – 20°C to +125°C, VCC = 5V ±5%, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage (TC02)
3.0
12
V
VCC
Supply Voltage (TC03)
2.2
12
V
IS
Supply Current
Note 1
40
60
µA
ISRC
VOUT Output Source Current
1.0
mA
Accuracy at Room Temperature
TA = 25°C (Note 2)
– 2
± 0.5
+2
°C
Accuracy at Minimum Temperature
TC02: TA = – 20°C– 7
± 0.5
+5
°C
TC03: TA = – 20°C– 7
± 0.5
+5
(Note 2)
Accuracy at Maximum Temperature
TC02: TA = +125°C
– 3
+3
°C
TC03: TA = +100°C
– 3
+3
(Note 2)
Nonlinearity
Note 3, 4
– 0.8
+0.8
°C
Line Regulation
80
µV/V
AV
Average Slope of Output Voltage
10
mV/
°C
VOUTMAX
Maximum Output Voltage
TC02: 3.0V
≤ VCC ≤ 12V
TC03: 2.2V
≤ VCC ≤ 12V
——
VCC – 1.2
V
(Note 1)
DETAILED DESCRIPTION
A plot of output voltage versus temperature for both the
TC02 and TC03 appears in Figure 1. The TC03 can be
used with single power supply to measure temperatures
from 0
°C to 100°C. A pull-down resistor (R1 in Figure 2)
must be added from VOUT to the negative power supply for
measuring temperatures less than 0
°C. The value of the
resistor must be chosen to limit the maximum current
pulled from the output to the negative supply to
– 50
µA (i.e. R1 = VSS/50µA).
Notes: 1. VOUT outputs open circuited.
2. Accuracy = Difference between calculated output voltage (10mV/
°C x Device case temperature at specified temperature and power supply)
and measured output voltage expressed in
°C.
3. Nonlinearity = deviation of output voltage versus temperature from the best-fit straight line over the device rated temperature range.
4. Guaranteed by design.
OUTPUT STAGE
Both the TC02 and TC03 have Class A output stages
capable of sourcing 1mA. These devices have a limited
ability to drive heavy capacitive loads. Loads of 50pF (to
ground) can be driven directly. For heavier loads, a 2k
Ω (or
greater) resistor should be placed in series with the output
for decoupling. If the TC02/03 is used in a noisy electrical
environment, a 0.1
µF bypass capacitor from VCC to GND is
recommended.


Similar Part No. - TC03

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0304A TAI-SAW-TC0304A Datasheet
292Kb / 5P
   SAW Resonator 622.017 MHz SMD 3.8X3.8 mm
TC0305A TAI-SAW-TC0305A Datasheet
360Kb / 5P
   SAW Resonator 744.8 MHz SMD 3.8X3.8 mm
TC0306A TAI-SAW-TC0306A Datasheet
366Kb / 5P
   SAW Resonator 1000 MHz SMD 3.8X3.8 mm
TC0307A TAI-SAW-TC0307A Datasheet
284Kb / 5P
   SAW Resonator 622.018MHz SMD 3.8X3.8 mm
More results

Similar Description - TC03

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com