Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR20A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSR20A
Description  PNP High-Voltage Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSR20A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BSR20A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSR20A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
BSR20,BSR20A
hFE Classification
TYPE
BSR20
BSR20A
Marking
T35
T36
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
BSR20
IE =0; VCB = -100 V
-100
nA
IE =0; VCB = -100 V; Tamb = 100
-100
ìA
Collector cutoff current
BSR20A
IE =0; VCB = -120 V
-50
nA
IE =0; VCB = -120 V; Tamb = 100
-50
ìA
Emitter cutoff current
IEBO
IC =0; VEB =-4V
-50
nA
DC current gain
BSR20
30
BSR20A
50
DC current gain
BSR20
40
180
BSR20A
60
240
DC current gain
BSR20
40
BSR20A
50
IC =-10 mA; IB = -1 mA
-200
mV
IC =-50 mA; IB = -5 mA
-500
mV
Collector capacitance
Cc
IE =ie=0; VCB = -10 V;f= 1 MHz
6
pF
Transition frequency
BSR20
100
400
MHz
BSR20A
100
300
MHz
base-emitter saturation voltage
hFE
hFE
IC =-1mA; VCE =-5V
IC =-50 mA; VCE =-5V
ICBO
ICBO
hFE
VCEsat
IC =-10 mA; VCE =-5V
IC =-10 mA; VCE = -10 V; f = 100 MHz
fT


Similar Part No. - BSR20A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR20A PHILIPS-BSR20A Datasheet
67Kb / 8P
   PNP high-voltage transistors
1997 Apr 21
logo
Continental Device Indi...
BSR20A CDIL-BSR20A Datasheet
154Kb / 5P
   SILICON P?밡?밣 HIGH?밮OLTAGE TRANSISTORS
More results

Similar Description - BSR20A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com